Electronic Components Datasheet Search
  English  ▼

X  

DAC10 Datasheet(PDF) 7 Page - Analog Devices

Part # DAC10
Description  10-Bit High Speed Multiplying D/A Converter (Universal Digital Logic Interface)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC10 Datasheet(HTML) 7 Page - Analog Devices

Back Button DAC10 Datasheet HTML 2Page - Analog Devices DAC10 Datasheet HTML 3Page - Analog Devices DAC10 Datasheet HTML 4Page - Analog Devices DAC10 Datasheet HTML 5Page - Analog Devices DAC10 Datasheet HTML 6Page - Analog Devices DAC10 Datasheet HTML 7Page - Analog Devices DAC10 Datasheet HTML 8Page - Analog Devices DAC10 Datasheet HTML 9Page - Analog Devices DAC10 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DAC10
REV. D
–7–
Figure 15. Positive Low Impedance Output Operation
Figure 16. Negative Low Impedance Output Operation
Figure 17. Interfacing with Various Logic Families
Figure 14. Settling Time Measurement
DAC10
EO
OP01
RL
0 TO +IFR
RL
IO
IO
4
2
FOR COMPLEMENTARY OUTPUT (OPERATION AS A NEGATIVE
LOGIC DAC), CONNECT INVERTING INPUT OF OP AMP TO
IO (PIN 2); CONNECT IO (PIN 4) TO GROUND.
IFR =
1023
1024
2
IREF
DAC10
EO
OP15
0 TO –IFR
RL
IO
IO
4
2
IFR =
1023
1024
2
IREF
FOR COMPLEMENTARY OUTPUT (OPERATION AS A NEGATIVE
LOGIC DAC), CONNECT NOINVERTING INPUT OF OP AMP TO
IO PIN 2); CONNECT IO (PIN 4) TO GROUND.
RL
ECL
13k
–5.2V
VLC
TO PIN 1
2N3904
"A"
39k
3k
6.2k
2N3904
+15V
VLC
9.1k
VTH = VLC +1.4V
+15V CMOS
VTH = +7.6V
6.2k
0.1 F
DAC10
TTL
VTH = +1.4V
VLC
1
51
2.5k
2.5k
10k
1M
1/4W, 5%
CARBON
2k
4k
1k
499k
1/4W, 5% CARBON
0.01 F
1 F
0.01 F
0.1 F10 F
4.7 F
0.01 F
1 F
0.01 F
4.7 F
0.1 F10 F
+15V
VL
0.500V
0.001V
+15V
–15V
VO
–15V
+15V
15 16 18
3
17 1
2
5
14
4
2
6
5
4
REF-01
–15V
–15V
175mV
2N918
2N918
LOW-TO-HIGH SETTLING VL = 16.500V 0.001V
HIGH-TO-LOW SETTLING VL = 0.500V 0.001V
1/2 LSB SETTLING = 7.8mV
NOTES:
1. CASE OF 2N918s MUST BE GROUNDED.
2. RESISTORS ARE 1/4W MF, 1% UNLESS OTHERWISE SPECIFIED.
3. USE FET PROBE (7A11 SCOPE PLUGIN).
D.U.T.
IN5711



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com