Electronic Components Datasheet Search
  English  ▼

X  

PS9611 Datasheet(PDF) 4 Page - NEC

Part # PS9611
Description  HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9611 Datasheet(HTML) 4 Page - NEC

  PS9611 Datasheet HTML 1Page - NEC PS9611 Datasheet HTML 2Page - NEC PS9611 Datasheet HTML 3Page - NEC PS9611 Datasheet HTML 4Page - NEC PS9611 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Data Sheet P13102EJ3V0DS00
4
PS9611,PS9611L
ORDERING INFORMATION
Part Number
Package
Packing Style
Application Part Number
*1
PS9611
8-pin DIP
Magazine case 50 pcs
PS9611
PS9611L
PS9611L
PS9611L-E3
Embossed Tape 1 000 pcs/reel
PS9611L-E4
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°°°°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current
IF
30
mA
Reverse Voltage
VR
3.0
V
Detector
Supply Voltage
VCC
7V
Output Voltage
VO
7V
High Level Output Current
*1
IOH
−5mA
Low Level Output Current
*1
IOL
25
mA
Power Dissipation
*1
PC
150
mW
Isolation Voltage
*2
BV
3 750
Vr.m.s.
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−55 to +125
°C
*1 TA =
−40 to +85 °C
*2 AC voltage for 1 minute at TA = 25
°C, RH = 60 % between input and output.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
High Level Input Current
IFH
7.5
12.5
mA
Low Level Input Current
IFL
0
250
µA
Supply Voltage
VCC
4.5
5.0
5.5
V
TTL (loads)
N
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com