Electronic Components Datasheet Search
  English  ▼

X  

PS9611 Datasheet(PDF) 1 Page - NEC

Part # PS9611
Description  HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9611 Datasheet(HTML) 1 Page - NEC

  PS9611 Datasheet HTML 1Page - NEC PS9611 Datasheet HTML 2Page - NEC PS9611 Datasheet HTML 3Page - NEC PS9611 Datasheet HTML 4Page - NEC PS9611 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1997, 2000
Document No. P13102EJ3V0DS00 (3rd edition)
Date Published February 2000 NS CP(K)
Printed in Japan
PHOTOCOUPLER
PS9611,PS9611L
HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE
8-PIN DIP PHOTOCOUPLER
−NEPOCTM Series−
The mark
•
•
•
• shows major revised points.
DESCRIPTION
The PS9611 and PS9611L are optically coupled high-speed, totem-pole output isolators containing a GaAlAs LED
on light emitting diode (input side) and a photodiode and a signal processing circuit on light receiving side (output
side) on one chip.
The PS9611 is in a plastic DIP (Dual In-line Package) and the PS9611L is lead bending type (Gull-wing) for
surface mounting.
FEATURES
• High common mode transient immunity (CMH, CML =
±10 kV/
µs TYP.)
• High-speed response (tPHL, tPLH = 30 ns TYP.)
• Pulse width distortion (
tPHL − tPLH = 3 ns TYP.)
• Totem-pole output (No pull-up resistor required)
• Ordering number of taping product: PS9611L-E3, E4: 1 000 pcs/reel
APPLICATIONS
• Computer and peripheral manufactures
• Measurement equipment
•PDP


Similar Part No. - PS9611

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9611 CEL-PS9611 Datasheet
414Kb / 12P
HIGH NOISE REDUCTION, HIGH-SPEED 10 Mbps TOTEM POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
PS9611-A CEL-PS9611-A Datasheet
414Kb / 12P
HIGH NOISE REDUCTION, HIGH-SPEED 10 Mbps TOTEM POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
PS9611-V CEL-PS9611-V Datasheet
414Kb / 12P
HIGH NOISE REDUCTION, HIGH-SPEED 10 Mbps TOTEM POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
PS9611-V-A CEL-PS9611-V-A Datasheet
414Kb / 12P
HIGH NOISE REDUCTION, HIGH-SPEED 10 Mbps TOTEM POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
PS9611L CEL-PS9611L Datasheet
414Kb / 12P
HIGH NOISE REDUCTION, HIGH-SPEED 10 Mbps TOTEM POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
More results

Similar Description - PS9611

ManufacturerPart #DatasheetDescription
logo
NEC
PS9711 NEC-PS9711 Datasheet
93Kb / 5P
HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5-PIN SOP TOM PHOTOCOUPLER
PS9715 NEC-PS9715 Datasheet
62Kb / 6P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS9617 ETC1-PS9617 Datasheet
393Kb / 12P
HIGH NOISE REDUCTION, HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
logo
NEC
PS9115 NEC-PS9115 Datasheet
251Kb / 12P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9711 CEL-PS9711 Datasheet
130Kb / 7P
HIGH NOISE REDUCTION/ HIGH SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5 PIN SOP TOM OPTOCOUPLER
PS9617 CEL-PS9617 Datasheet
399Kb / 12P
HIGH NOISE REDUCTION, HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
PS9611 CEL-PS9611 Datasheet
414Kb / 12P
HIGH NOISE REDUCTION, HIGH-SPEED 10 Mbps TOTEM POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9614 RENESAS-PS9614 Datasheet
274Kb / 16P
HIGH NOISE REDUCTION, HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
April 1st, 2010
PS9617 RENESAS-PS9617 Datasheet
264Kb / 15P
HIGH NOISE REDUCTION, HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
April 1st, 2010
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com