Electronic Components Datasheet Search
  English  ▼

X  

PS9611 Datasheet(PDF) 7 Page - NEC

Part # PS9611
Description  HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9611 Datasheet(HTML) 7 Page - NEC

  PS9611 Datasheet HTML 1Page - NEC PS9611 Datasheet HTML 2Page - NEC PS9611 Datasheet HTML 3Page - NEC PS9611 Datasheet HTML 4Page - NEC PS9611 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 5 page
background image
Data Sheet P13102EJ3V0DS00
7
PS9611,PS9611L
TYPICAL CHARACTERISTICS (TA = 25
°°°°C, unless otherwise specified)
1.0
0.01
0.1
1
10
100
1.2
20
40
60
80
100
0
85
10
20
30
40
1.4
1.6
1.8
2.0
2.2
2.4
–50
–25
0
1
2
3
4
5
25
0
50
75
100
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
Ambient Temperature TA (˚C)
MAXIMUM FORWARD CURRENT
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
DETECTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
HIGH LEVEL OUTPUT VOLTAGE vs.
AMBIENT TEMPERATURE
High Level Output Current IOH (mA)
HIGH LEVEL OUTPUT VOLTAGE vs.
HIGH LEVEL OUTPUT CURRENT
TA = +85 ˚C
+50 ˚C
+25 ˚C
0 ˚C
–25 ˚C
VCC = 4.5 V, IF = 250 A,
IOH = –2 mA
µ
20
40
60
80
85
100
0
50
100
150
200
Ambient Temperature TA (˚C)
SUPPLY CURRENT vs.
AMBIENT TEMPERATURE
–50
–25
0
25
50
75
100
0
4
2
6
10
14
18
8
12
16
20
VCC = 5.5 V,
ICCH : IF = 0 mA,
ICCL : IF = 10 mA
ICCL
ICCH
0
1
2
3
4
5
–1
–2
–3
–5
–4
–6
µ
VCC = 4.5 V,
IF = 250 A
TA = +85 ˚C
+25 ˚C
–40 ˚C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com