Electronic Components Datasheet Search
  English  ▼

X  

PI5L200QX Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI5L200QX
Description  Precision Wide Bandwidth LanSwitch Quad 2 1 Mux/DeMux
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5L200QX Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI5L200QX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5L200QX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5L200QX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5L200QX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5L200QX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5L200QX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5L200QX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5L200QX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5L200QX Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
PS7055G
10/01/04
PI5L200
PrecisionWideBandwidthLanSwitch
Quad 2:1 Mux/DeMux
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Figure 6. On-Resistance vs. Input Voltage
Figure 7. Insertion Loss vs. Frequency
Figure 8. Off Isolation vs. Frequency
0
5
10
15
20
02
3
14
5
3.3V
5V
-4
-3
-2
-1
0
1K
1M
10M
100M
1G
3.3V
5V
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
1M
10M
100M
1G
3.3V, 5V
0
-10
-20
-30
-40
-50
-60
-70
-80
1M
10M
100M
1G
3.3V, 5V
RH = 100
Ω
TA = 25°C
RIN = 1dBm
RL = 100
Ω
TA = 25°C
PIN = 1dBm
TA = 25°C
RL = 100
Ω
PIN = 1dBm
TA = 25°C
RL = 100
Ω
Input Voltage (V)
Frequency (Hz)
Frequency (Hz)
Frequency (Hz)
Figure 9. Crosstalk vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com