Electronic Components Datasheet Search
  English  ▼

X  

PI5L200QX Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5L200QX
Description  Precision Wide Bandwidth LanSwitch Quad 2 1 Mux/DeMux
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5L200QX Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5L200QX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5L200QX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5L200QX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5L200QX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5L200QX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5L200QX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5L200QX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5L200QX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5L200QX Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
PS7055G
10/01/04
PI5L200
PrecisionWideBandwidthLanSwitch
Quad 2:1 Mux/DeMux
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Storage Temperature ............................................................ –65°Cto+150°C
Ambient Temperature with Power Applied ........................... –40°Cto+85°C
Supply Voltage to Ground Potential ....................................... –0.5Vto+7.0V
DC Input Voltage ............................................................. –0.5VtoVCC+0.5V
DC Output Current .............................................................................. 120mA
Power Dissipation ................................................................................. 0.5W
Note:
Stresses greater than those listed under MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
these or any other conditions above those indicated in the
operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for ex-
tended periods may affect reliability.
Single 5.0V Supply
DC Electrical Characteristics(Over the Operating Range,TA=–40°Cto+85°C,VCC=5V±10%,GND=0V)
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for applicable device type.
2. Guaranteed by design.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
DynamicElectricalCharacteristics(OvertheOperatingRange,TA=–40°Cto+85°C,VCC=5V±10%,GND=0V)
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T
)
1
(
.
n
i
M.
p
y
T
)
2
(
.
x
a
Ms
t
i
n
U
V
G
O
L
A
N
A
e
g
n
a
R
l
a
n
g
i
S
g
o
l
a
n
A0
—
V C
C
V
R N
O
e
c
n
a
t
s
i
s
e
R
-
N
OI N
O
A
m
0
3
o
t
A
m
0
1
=—
6
2
1
Ω
∆R N
O
s
l
e
n
n
a
h
C
n
e
e
w
t
e
B
h
c
t
a
M—
4
.
02
R
)
N
O
(
T
A
L
F
R N
O
s
s
e
n
t
a
l
FI N
O
V
,
A
m
1
=
O
N
V
,
C
N
V
5
o
t
V
0
=—
3
5
I
)
F
F
O
(
O
N
I
,
)
N
O
(
O
N
t
n
e
r
r
u
C
e
g
a
k
a
e
L
f
f
O
/
n
OV O
N
V
,
C
N
V
5
.
4
=0
0
1
–—
0
0
1A
n
I C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
t
n
e
c
s
e
i
u
QV C
C
V
,
V
5
.
5
=
N
I
V
r
o
V
0
=
C
C
——
1
A
µ
IO
t
n
e
r
r
u
C
t
u
p
t
u
OV O
N
V
,
C
N
V
r
o
M
O
C
V
5
o
t
V
0
=0
0
1—
—
A
m
V H
I
e
g
a
tl
o
V
H
G
I
H
t
u
p
n
Il
e
v
e
L
H
G
I
H
c
i
g
o
L
d
e
e
t
n
a
r
a
u
G0
.
2—
—
V
V L
I
e
g
a
tl
o
V
W
O
L
t
u
p
n
Il
e
v
e
L
W
O
L
c
i
g
o
L
d
e
e
t
n
a
r
a
u
G5
.
0
–—
8
.
0
I H
I
t
n
e
r
r
u
C
H
G
I
H
t
u
p
n
IV C
C
V
,.
x
a
M
=
N
I
V
=
C
C
——
1
±
A
µ
I L
I
t
n
e
r
r
u
C
W
O
L
t
u
p
n
IV C
C
V
,.
x
a
M
=
N
I
D
N
G
=—
—
1
±
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T
)
1
(
.
n
i
M.
p
y
T
)
2
(
.
x
a
Ms
t
i
n
U
t N
O
e
m
i
T
n
o
-
n
r
u
TV O
N
V
r
o
C
N
2
e
r
u
g
i
F
e
e
s
,
V
0
.
3
=—
0
10
2
s
n
t F
F
O
e
m
i
T
f
f
o
-
n
r
u
TV O
N
V
r
o
C
N
2
e
r
u
g
i
F
e
e
s
,
V
0
.
3
=—
5
0
1
X
K
L
A
T
k
l
a
t
s
s
o
r
CRL
4
e
r
u
g
i
F
e
e
s
,
z
H
M
0
3
=
f
,
s
m
h
o
0
0
1
=—
0
7
–—
B
d
C
)
F
F
O
(
e
c
n
a
ti
c
a
p
a
C
O
N
r
o
C
Nz
H
k
1
=
f—
3
1—
F
p
O R
R
I
n
o
it
a
l
o
s
I
f
f
ORL
5
e
r
u
g
i
F
e
e
s
,
z
H
M
0
3
=
f
,
s
m
h
o
0
0
1
=—
5
5
–—
B
d
W
BB
d
3
–
h
t
d
i
w
d
n
a
BRL
3
e
r
u
g
i
F
e
e
s
,
s
m
h
o
0
0
1
=—
7
3
1—
z
H
M
DR
D
n
o
it
r
o
t
s
i
D
ON
L
R
/RL
s
m
h
o
0
0
1
=—
2
—
%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com