Electronic Components Datasheet Search
  English  ▼

X  

PS9711 Datasheet(PDF) 5 Page - NEC

Part # PS9711
Description  HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5-PIN SOP TOM PHOTOCOUPLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9711 Datasheet(HTML) 5 Page - NEC

  PS9711 Datasheet HTML 1Page - NEC PS9711 Datasheet HTML 2Page - NEC PS9711 Datasheet HTML 3Page - NEC PS9711 Datasheet HTML 4Page - NEC PS9711 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Data Sheet P13103EJ3V0DS00
5
PS9711
*1 Typical values at TA = 25
°C
*2 Test circuit for propagation delay time
Input
Output
1.5 V
VOH
VOL
tPHL
tPLH
IF (ON)
50 % IF (ON)
CL is approximately which includes probe and stray wiring capacitance.
47
Ω
Pulse input (IF)
VO (monitor)
VCC = 5 V
Input
(monitor)
0.1 F
µ
CL =
30 pF
CL = 15 pF
GND
VCC
2.5 k
Ω
1.3 k
Ω
(PW = 500 ns,
Duty cycle = 1/2)
VCC = 5 V
*3 Test circuit for common mode transient immunity
90 %
10 %
100 V
0 V
VOH
2 V
0.8 V
VOL
VCM
VO
(IF = 0 mA)
VO
(IF = 7.5 mA)
tr
tf
CL is approximately which includes probe and stray wiring capacitance.
VO (Monitor)
VCC = 5 V
0.1 F
µ
CL = 15 pF
GL SW IF
GND
VCC
USAGE CAUTIONS
1. This product is weak for static electricity by designed with high-speed integrated circuit so protect against static
electricity when handling.
2. By-pass capacitor of more than 0.1
µF is used between VCC and GND near device.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com