Electronic Components Datasheet Search
  English  ▼

X  

PS9711 Datasheet(PDF) 2 Page - NEC

Part # PS9711
Description  HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5-PIN SOP TOM PHOTOCOUPLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9711 Datasheet(HTML) 2 Page - NEC

  PS9711 Datasheet HTML 1Page - NEC PS9711 Datasheet HTML 2Page - NEC PS9711 Datasheet HTML 3Page - NEC PS9711 Datasheet HTML 4Page - NEC PS9711 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Sheet P13103EJ3V0DS00
2
PS9711
PACKAGE DIMENSIONS (in millimeters)
1.27
0.4
+0.10
–0.05
0.25 M
4.4
7.0±0.3
0.5±0.3
4.0±0.5
1. Anode
2. Cathode
3. GND
4. VO
5. VCC
TOP VIEW
53
12
4
INTERNAL OUT PUT CIRCUIT
VCC (5)
Vo (4)
GND (3)
LED
Output
ON
L
OFF
H



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com