Electronic Components Datasheet Search
  English  ▼

X  

PS9711 Datasheet(PDF) 7 Page - NEC

Part # PS9711
Description  HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5-PIN SOP TOM PHOTOCOUPLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9711 Datasheet(HTML) 7 Page - NEC

  PS9711 Datasheet HTML 1Page - NEC PS9711 Datasheet HTML 2Page - NEC PS9711 Datasheet HTML 3Page - NEC PS9711 Datasheet HTML 4Page - NEC PS9711 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 5 page
background image
Data Sheet P13103EJ3V0DS00
7
PS9711
–50
0.0
0.2
0.1
0.3
0.5
0.7
0.9
0.4
0.6
0.8
1.0
–25
0
25
50
75
100
Low Level Output Current IOL (mA)
LOW LEVEL OUTPUT VOLTAGE vs.
LOW LEVEL OUTPUT CURRENT
Forward Current IF (mA)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. FORWARD CURRENT
Ambient Temperature TA (˚C)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
LOW LEVEL OUTPUT VOLTAGE vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
THRESHOLD INPUT CURRENT vs.
AMBIENT TEMPERATURE
–50
0
2
1
3
5
7
4
6
8
–25
0
25
50
75
100
–50
–25
0
0
10
20
30
40
50
60
70
25
50
75
100
VCC = 4.5 V, IF = 7 mA,
IO = 8mA
VCC = 5 V
VCC = 5 V,
IF = 7.5 mA
IFHL
IFLH
tPLH
tPHL
PWD
0
1
2
3
10
515
VCC = 4.5 V,
IF = 7 mA
TA = +85 ˚C
+25 ˚C
–40 ˚C
0
–20
–30
–10
10
30
50
70
0
20
40
60
5
1015
2025
VCC = 5 V
tPLH
tPHL
PWD
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com