Electronic Components Datasheet Search
  English  ▼

X  

SPV1001N Datasheet(PDF) 6 Page - STMicroelectronics

Part # SPV1001N
Description  Cool bypass switch for photovoltaic applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1001N Datasheet(HTML) 6 Page - STMicroelectronics

  SPV1001N Datasheet HTML 1Page - STMicroelectronics SPV1001N Datasheet HTML 2Page - STMicroelectronics SPV1001N Datasheet HTML 3Page - STMicroelectronics SPV1001N Datasheet HTML 4Page - STMicroelectronics SPV1001N Datasheet HTML 5Page - STMicroelectronics SPV1001N Datasheet HTML 6Page - STMicroelectronics SPV1001N Datasheet HTML 7Page - STMicroelectronics SPV1001N Datasheet HTML 8Page - STMicroelectronics SPV1001N Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Package mechanical data
SPV1001N
6/9
Doc ID 018938 Rev 2
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 5.
PQFN 5 x 6 mm mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.85
0.80
0.95
A1
0.02
0
0.05
D5.00
D2
4.26
4.16
4.36
E6.00
E2
2.50
2.40
2.60
e1.27
L
1.20
1.10
1.30
L1
0.30
NXb
0.45



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com