Electronic Components Datasheet Search
  English  ▼

X  

SPV1001N Datasheet(PDF) 4 Page - STMicroelectronics

Part # SPV1001N
Description  Cool bypass switch for photovoltaic applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1001N Datasheet(HTML) 4 Page - STMicroelectronics

  SPV1001N Datasheet HTML 1Page - STMicroelectronics SPV1001N Datasheet HTML 2Page - STMicroelectronics SPV1001N Datasheet HTML 3Page - STMicroelectronics SPV1001N Datasheet HTML 4Page - STMicroelectronics SPV1001N Datasheet HTML 5Page - STMicroelectronics SPV1001N Datasheet HTML 6Page - STMicroelectronics SPV1001N Datasheet HTML 7Page - STMicroelectronics SPV1001N Datasheet HTML 8Page - STMicroelectronics SPV1001N Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Device description
SPV1001N
4/9
Doc ID 018938 Rev 2
3
Device description
A photovoltaic panel consists of a series of PV cells. In optimal conditions, all the cells are
equally irradiated and function at the same current level. However, during normal operation
some cells may become partially shaded or obscured. These shaded cells limit the current
generated by the fully irradiated cells and, in the extreme cases where these cells are totally
obscured, the current flow is blocked.
In this case the shaded cells behave like a load, and the current generated from the fully
irradiated cells produces overvoltages which can reach the breakdown threshold. This
phenomenon, known as a “hot spot”, can cause overheating of the shaded cells and, in
some cases, even permanent damage resulting in current leakage. To prevent hot spots,
therefore, bypass diodes are connected in parallel to the cell strings.
The device described here has the same functionality as a Schottky diode, but with
improved performance. It features very low forward voltage drop and reverse leakage
current. It consists of a power MOSFET transistor which charges a capacitor during the OFF
time, and drives its gate during the ON time using the charge previously stored in the
capacitor. The ON and OFF times are set to reduce the average voltage drop across the
drain and source terminals, resulting in reduced power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com