Electronic Components Datasheet Search
  English  ▼

X  

AT89LP51RC2 Datasheet(PDF) 78 Page - ATMEL Corporation

Part # AT89LP51RC2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RC2 Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button AT89LP51RC2_14 Datasheet HTML 74Page - ATMEL Corporation AT89LP51RC2_14 Datasheet HTML 75Page - ATMEL Corporation AT89LP51RC2_14 Datasheet HTML 76Page - ATMEL Corporation AT89LP51RC2_14 Datasheet HTML 77Page - ATMEL Corporation AT89LP51RC2_14 Datasheet HTML 78Page - ATMEL Corporation AT89LP51RC2_14 Datasheet HTML 79Page - ATMEL Corporation AT89LP51RC2_14 Datasheet HTML 80Page - ATMEL Corporation AT89LP51RC2_14 Datasheet HTML 81Page - ATMEL Corporation AT89LP51RC2_14 Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 254 page
background image
78
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
13.1
Registers
Table 13-1 lists the registers used by Timer 0/1. TCON, TCONB and TMOD are detailed below.
Note:
The RHn/RLn registers are not required by the Timer during Modes 0, 2 or 3 and may be used as
temporary storage registers in these modes, except when using the PWM generator.
.
Table 13-1.
Timer 0/1 Register Summary
Name
Address
Purpose
Bit-Addressable
TCON
88H
Control
Y
TMOD
89H
Mode
N
TL0
8AH
Timer 0 low-byte
N
TL1
8BH
Timer 1 low-byte
N
TH0
8CH
Timer 0 high-byte
N
TH1
8DH
Timer 1 high-byte
N
TCONB
91H
Mode
N
RL0
F2H
Timer 0 reload low-byte
N
RL1
F3H
Timer 1 reload low-byte
N
RH0
F4H
Timer 0 reload high-byte
N
RH1
F5H
Timer 1 reload high-byte
N
Table 13-2.
TCON
– Timer/Counter Control Register
TCON = 88H
Reset Value = 0000 0000B
Bit Addressable
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
Bit
7
6
543
21
0
Symbol
Function
TF1
Timer 1 Overflow Flag
Set by hardware on Timer/Counter overflow. Cleared by hardware when the processor vectors to interrupt routine.
TR1
Timer 1 Run Control
Set/cleared by software to turn Timer/Counter on/off.
TF0
Timer 0 Overflow Flag
Set by hardware on Timer/Counter overflow. Cleared by hardware when the processor vectors to interrupt routine.
TR0
Timer 0 Run Control
Set/cleared by software to turn Timer/Counter on/off.
IE1
Interrupt 1 Edge Flag
Set by hardware when external interrupt edge detected. Cleared when interrupt processed.
IT1
Interrupt 1 Type
Set/cleared by software to specify falling edge/low level triggered external interrupts.
IE0
Interrupt 0 Edge Flag
Set by hardware when external interrupt edge detected. Cleared when interrupt processed.
IT0
Interrupt 0 Type
Set/cleared by software to specify falling edge/low level triggered external interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com