Electronic Components Datasheet Search
  English  ▼

X  

AT89LP51RC2 Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT89LP51RC2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RC2 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT89LP51RC2_14 Datasheet HTML 25Page - ATMEL Corporation AT89LP51RC2_14 Datasheet HTML 26Page - ATMEL Corporation AT89LP51RC2_14 Datasheet HTML 27Page - ATMEL Corporation AT89LP51RC2_14 Datasheet HTML 28Page - ATMEL Corporation AT89LP51RC2_14 Datasheet HTML 29Page - ATMEL Corporation AT89LP51RC2_14 Datasheet HTML 30Page - ATMEL Corporation AT89LP51RC2_14 Datasheet HTML 31Page - ATMEL Corporation AT89LP51RC2_14 Datasheet HTML 32Page - ATMEL Corporation AT89LP51RC2_14 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 254 page
background image
29
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
CCAPM4 DEh PCA Timer/Counter Mode 4
ECOM4
CAPP4
CAPN4
MAT4
TOG4
PWM4
ECCF4
CCAP0H FAh
PCA Compare Capture Module 0 H CCAP0H7 CCAP0H6 CCAP0H5 CCAP0H4 CCAP0H3 CCAP0H2 CCAP0H1 CCAP0H0
CCAP1H FBh
PCA Compare Capture Module 1 H CCAP1H7 CCAP1H6 CCAP1H5 CCAP1H4 CCAP1H3 CCAP1H2 CCAP1H1 CCAP1H0
CCAP2H FCh
PCA Compare Capture Module 2 H CCAP2H7 CCAP2H6 CCAP2H5 CCAP2H4 CCAP2H3 CCAP2H2 CCAP2H1 CCAP2H0
CCAP3H FDh
PCA Compare Capture Module 3 H CCAP3H7 CCAP3H6 CCAP3H5 CCAP3H4 CCAP3H3 CCAP3H2 CCAP3H1 CCAP3H0
CCAP4H FEh
PCA Compare Capture Module 4 H CCAP4H7 CCAP4H6 CCAP4H5 CCAP4H4 CCAP4H3 CCAP4H2 CCAP4H1 CCAP4H0
CCAP0L
EAh
PCA Compare Capture Module 0 L CCAP0L7
CCAP0L6
CCAP0L5
CCAP0L4
CCAP0L3
CCAP0L2
CCAP0L1
CCAP0L0
CCAP1L
EBh
PCA Compare Capture Module 1 L CCAP1L7
CCAP1L6
CCAP1L5
CCAP1L4
CCAP1L3
CCAP1L2
CCAP1L1
CCAP1L0
CCAP2L
ECh PCA Compare Capture Module 2 L CCAP2L7
CCAP2L6
CCAP2L5
CCAP2L4
CCAP2L3
CCAP2L2
CCAP2L1
CCAP2L0
CCAP3L
EDh PCA Compare Capture Module 3 L CCAP3L7
CCAP3L6
CCAP3L5
CCAP3L4
CCAP3L3
CCAP3L2
CCAP3L1
CCAP3L0
CCAP4L
EEh
PCA Compare Capture Module 4 L CCAP4L7
CCAP4L6
CCAP4L5
CCAP4L4
CCAP4L3
CCAP4L2
CCAP4L1
CCAP4L0
Table 4-15.
PCA SFRs (Continued)
Mnemo
-nic
Add
Name
7
6
54321
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com