Electronic Components Datasheet Search
  English  ▼

X  

SP491E Datasheet(PDF) 6 Page - Exar Corporation

Part # SP491E
Description  Enhanced Full Duplex RS-485 Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP491E Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP491E Datasheet HTML 2Page - Exar Corporation SP491E Datasheet HTML 3Page - Exar Corporation SP491E Datasheet HTML 4Page - Exar Corporation SP491E Datasheet HTML 5Page - Exar Corporation SP491E Datasheet HTML 6Page - Exar Corporation SP491E Datasheet HTML 7Page - Exar Corporation SP491E Datasheet HTML 8Page - Exar Corporation SP491E Datasheet HTML 9Page - Exar Corporation SP491E Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP490E,49E_0_05243
T
MINtoTMAXandVCC=5V±5%unlessotherwisenoted.
PARAMETERS
MIN.
TYP.
MAX. UNITS CONDITIONS
SP491ERECEIVER
DCCharacteristics
Differential Input Threshold
-0.2
+0.2
Volts
-7V ≤ V
CM ≤ 12V
Input Hysteresis
70
mV
V
CM = 0V
Output Voltage High
3.5
Volts
I
O = -4mA, VID = +200mV
Output Voltage Low
0.4
Volts
I
O = +4mA, VID = -200mV
Three State (high impedance)
Output Current
±1
µA
0.4V ≤ V
O ≤ 2.4V; RE = 5V
Input Resistance
12
15
kΩ
-7V ≤ V
CM ≤ 12V
Input Current (A, B); V
IN = 2V
±.0
mA
DE = 0V, V
CC = 0V or 5.25V, VIN = 2V
Input Current (A, B); V
IN = -7V
-0.8
mA
DE = 0V, V
CC = 0V or 5.25V, VIN = -7V
Short-Circuit Current
85
mA
0V ≤ V
O ≤ VCC
SP491ERECEIVER
ACCharacteristics
Maximum Data Rate
0
Mbps
RE = 0V
Receiver Input to Output
20
45
00
ns
t
PLH; RDIFF = 54Ω,
C
L = CL2 = 00pF; Figures 3 & 7
Receiver Input to Output
20
45
00
ns
t
PHL; RDIFF = 54Ω,
C
L = CL2
=
00pF; Figures 3 & 7
Diff. Receiver Skew It
PLH-tPHLI
3
ns
R
DIFF = 54Ω; CL = CL2 = 00pF;
Figures 3 & 7
Receiver Enable to Output Low
45
70
ns
C
RL = 5pF; Figures 2 and 8; S closed
Receiver Enable to Output High
45
70
ns
C
RL = 5pF; Figures 2 and 8; S2 closed
Receiver Disable from Low
45
70
ns
C
RL = 5pF; Figures 2 and 8; S closed
Receiver Disable from High
45
70
ns
C
RL = 5pF; Figures 2 and 8; S2 closed
POWERREQUIREMENTS
Supply Voltage
+4.75
+5.25 Volts
Supply Current
900
µA
RE, D = 0V or V
CC; DE = VCC
SP491EENVIRONMENTAL
ANDMECHANICAL
Operating Temperature
Commercial (_C_)
0
+70
°C
Industrial (_E_)
-40
+85
°C
Storage Temperature
-65
+50 °C
Package
Plastic DIP (_P)
NSOIC (_N)
Figure 8. Receiver Enable and Disable Times
ELECTRICALCHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com