Electronic Components Datasheet Search
  English  ▼

X  

SP491E Datasheet(PDF) 1 Page - Exar Corporation

Part # SP491E
Description  Enhanced Full Duplex RS-485 Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP491E Datasheet(HTML) 1 Page - Exar Corporation

  SP491E Datasheet HTML 1Page - Exar Corporation SP491E Datasheet HTML 2Page - Exar Corporation SP491E Datasheet HTML 3Page - Exar Corporation SP491E Datasheet HTML 4Page - Exar Corporation SP491E Datasheet HTML 5Page - Exar Corporation SP491E Datasheet HTML 6Page - Exar Corporation SP491E Datasheet HTML 7Page - Exar Corporation SP491E Datasheet HTML 8Page - Exar Corporation SP491E Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image

Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP490E,49E_0_05243
FEATURES
• +5V Only
• Low Power BiCMOS
• Driver/Receiver Enable (SP49E)
• RS-485 and RS-422 Drivers/Receivers
• Pin Compatible with LTC490 and
SN7579 (SP490E)
• Pin Compatible with LTC49 and
SN7580 (SP49E)
• Improved ESD Specifications:
±5kV Human Body Model
±5kV IEC6000-4-2 Air Discharge
The
SP490E is a low power differential line driver/receiver meeting RS-485 and RS-422
standards up to 0Mbps. The
SP491E is identical to the SP490E with the addition of driver
and receiver tri-state enable lines. Both products feature ±200mV receiver input sensitivity,
over wide common mode range. The
SP490E is available in 8-pin plastic DIP and 8-pin
NSOIC packages for operation over the commercial and industrial temperature ranges.
The
SP491E is available in 4-pin DIP and 4-pin NSOIC packages for operation over the
commercial and industrial temperature ranges.
SP490E
SP491E
DESCRIPTION
BLOCKDIAGRAMS
Now Available in Lead Free Packaging
EnhancedFullDuplexRS-485Transceivers
SP490E/491E


Similar Part No. - SP491E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP491E SIPEX-SP491E Datasheet
109Kb / 12P
Enhanced Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP491E EXAR-SP491E Datasheet
811Kb / 15P
Enhanced Full Duplex RS-485 Transceivers
SP491E EXAR-SP491E Datasheet
723Kb / 12P
Enhanced Full Duplex RS-485 Transceivers
SP491E EXAR-SP491E Datasheet
723Kb / 12P
Enhanced Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP491ECN SIPEX-SP491ECN Datasheet
109Kb / 12P
Enhanced Full Duplex RS-485 Transceivers
More results

Similar Description - SP491E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP490E SIPEX-SP490E Datasheet
109Kb / 12P
Enhanced Full Duplex RS-485 Transceivers
SP1490E SIPEX-SP1490E Datasheet
73Kb / 10P
Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
83Kb / 12P
Full Duplex RS-485 Transceivers
SP490E SIPEX-SP490E Datasheet
109Kb / 12P
Enhanced Full Duplex RS-485 Transceivers
SP1490E SIPEX-SP1490E_05 Datasheet
149Kb / 10P
Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP490 EXAR-SP490 Datasheet
552Kb / 12P
Full Duplex RS-485 Transceivers
SP490E EXAR-SP490E Datasheet
811Kb / 15P
Enhanced Full Duplex RS-485 Transceivers
SP491EEP-L EXAR-SP491EEP-L Datasheet
723Kb / 12P
Enhanced Full Duplex RS-485 Transceivers
SP491ECN-L EXAR-SP491ECN-L Datasheet
723Kb / 12P
Enhanced Full Duplex RS-485 Transceivers
SP491CN-L EXAR-SP491CN-L Datasheet
453Kb / 11P
Full Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com