Electronic Components Datasheet Search
  English  ▼

X  

SSM2141SZ Datasheet(PDF) 5 Page - Analog Devices

Part # SSM2141SZ
Description  High Common-Mode Rejection Differential Line Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2141SZ Datasheet(HTML) 5 Page - Analog Devices

  SSM2141SZ Datasheet HTML 1Page - Analog Devices SSM2141SZ Datasheet HTML 2Page - Analog Devices SSM2141SZ Datasheet HTML 3Page - Analog Devices SSM2141SZ Datasheet HTML 4Page - Analog Devices SSM2141SZ Datasheet HTML 5Page - Analog Devices SSM2141SZ Datasheet HTML 6Page - Analog Devices SSM2141SZ Datasheet HTML 7Page - Analog Devices SSM2141SZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SSM2141
REV.
–5–
Voltage Noise Density vs. Frequency
10mV
1mS
+10µV
0V
–10µV
TA = +25°C
VS = ±15V
NOTE: EXTERNAL AMPLIFIER GAIN = 1000;
THEREFORE, VERTICAL SCALE = 10µV/DIV.
Voltage Noise from 0 kHz to 1 kHz
5mV
1S
+1µV
0V
–1µV
0.1 TO 10Hz PEAK-TO-PEAK NOISE
Low Frequency Voltage Noise
10mV
2mS
+10µV
0V
–10µV
NOTE: EXTERNAL AMPLIFIER GAIN = 1000;
THEREFORE, VERTICAL SCALE = 10µV/DIV.
TA = +25°C
VS = ±15V
Voltage Noise from 0 kHz to 10 kHz
Slew Rate Test Circuit
APPLICATIONS INFORMATION
The SSM2141 represents a versatile analog building block. In
order to capitalize on fast settling time, high slew rate, and high
CMR, proper decoupling and grounding techniques must be
employed. For decoupling, place 0.1
µF capacitor located within
close proximity from each supply pin to ground.
C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com