Electronic Components Datasheet Search
  English  ▼

X  

SSM2141SZ Datasheet(PDF) 3 Page - Analog Devices

Part # SSM2141SZ
Description  High Common-Mode Rejection Differential Line Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2141SZ Datasheet(HTML) 3 Page - Analog Devices

  SSM2141SZ Datasheet HTML 1Page - Analog Devices SSM2141SZ Datasheet HTML 2Page - Analog Devices SSM2141SZ Datasheet HTML 3Page - Analog Devices SSM2141SZ Datasheet HTML 4Page - Analog Devices SSM2141SZ Datasheet HTML 5Page - Analog Devices SSM2141SZ Datasheet HTML 6Page - Analog Devices SSM2141SZ Datasheet HTML 7Page - Analog Devices SSM2141SZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SSM2141
REV.
–3–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Input Voltage
1
. . . . . . . . . . . . . . . . . . . . . . . . Supply Voltage
Output Short-Circuit Duration . . . . . . . . . . . . . . Continuous
Storage Temperature Range
P Package . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . +300
°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Operating Temperature Range . . . . . . . . . . . . –40
°C to +85°C
Typical Performance Characteristics
Small Signal Transient Response
Common-Mode Rejection vs. Frequency
Total Harmonic Distortion vs. Frequency
Large Signal Transient Response
Power Supply Rejection vs. Frequency
Dynamic Intermodulation Distortion vs. Frequency
Package Type
JA
2
JC
Units
8-Pin Plastic DIP (P)
103
43
°C/W
NOTES
1For supply voltages less than
±18 V, the absolute maximum input voltage is equal
to the supply voltage.
2
θ
JA is specified for worst case mounting conditions, i.e., θJA is specified for device
in socket for P-DIP package.
C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com