Electronic Components Datasheet Search
  English  ▼

X  

STL10N3LLH5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL10N3LLH5
Description  N-channel 30 V, 0.015, 9 A, PowerFLAT 3.3x3.3 STripFET V Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL10N3LLH5 Datasheet(HTML) 1 Page - STMicroelectronics

  STL10N3LLH5 Datasheet HTML 1Page - STMicroelectronics STL10N3LLH5 Datasheet HTML 2Page - STMicroelectronics STL10N3LLH5 Datasheet HTML 3Page - STMicroelectronics STL10N3LLH5 Datasheet HTML 4Page - STMicroelectronics STL10N3LLH5 Datasheet HTML 5Page - STMicroelectronics STL10N3LLH5 Datasheet HTML 6Page - STMicroelectronics STL10N3LLH5 Datasheet HTML 7Page - STMicroelectronics STL10N3LLH5 Datasheet HTML 8Page - STMicroelectronics STL10N3LLH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
August 2011
Doc ID 022093 Rev 1
1/14
14
STL10N3LLH5
N-channel 30 V, 0.015
Ω, 9 A, PowerFLAT™ 3.3x3.3
STripFET™ V Power MOSFET
Features
■ RDS(on) * Qg industry benchmark
■ Extremely low on-resistance RDS(on)
■ Very low switching gate charge
■ High avalanche ruggedness
■ Low gate drive power losses
Applications
■ Switching applications
■ Automotive
Description
This device is an N-channel Power MOSFET
developed using STMicroelectronics’ STripFET™
V technology. The device has been optimized to
achieve very low on-state resistance, contributing
to an FOM that is among the best in its class.
Figure 1.
Internal schematic diagram
Order code
VDSS
RDS(on)
max
ID
STL10N3LLH5
30 V
< 0.019
Ω
9 A (1)
1.
The value is rated according Rthj-pcb
PowerFLAT™ 3.3x3.3
12
3
4
SS
S
G
87
6
5
DD
D
D
BOTTOM VIEW
AM10124V1
Table 1.
Device summary
Order code
Marking
Package
Packaging
STL10N3LLH5
10N3L
PowerFLAT™ 3.3x3.3
Tape and reel
www.st.com


Similar Part No. - STL10N3LLH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL10N60M2 STMICROELECTRONICS-STL10N60M2 Datasheet
1Mb / 16P
N-channel 600 V, 0.580 Ω typ., 5.5 A MDmesh II Plus™ low Qg Power MOSFET in a PowerFLAT™ 5x6 HV package
March 2014 Rev 2
STL10N60M6 STMICROELECTRONICS-STL10N60M6 Datasheet
793Kb / 15P
N-channel 600 V, 550 m typ., 5.5 A, MDmesh™ M6 Power MOSFET in a PowerFLAT™ 5x6 HV package
18-Dec-2018
STL10N65M2 STMICROELECTRONICS-STL10N65M2 Datasheet
796Kb / 15P
N-channel 650 V, 0.85 typ., 4.5 A MDmesh M2 Power MOSFET in a PowerFLAT 5x6 HV package
20-Jun-2019
More results

Similar Description - STL10N3LLH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL65N3LLH5 STMICROELECTRONICS-STL65N3LLH5 Datasheet
496Kb / 12P
N-channel 30 V, 0.0048 Ω, 19 A - PowerFLAT??(6x5) STripFET™V Power MOSFET
23-Sep-2008
STL150N3LLH5 STMICROELECTRONICS-STL150N3LLH5_08 Datasheet
513Kb / 12P
N-channel 30 V, 0.0014 Ω, 35 A - PowerFLAT??(6x5) STripFET™V Power MOSFET
23-Sep-2008
STL9N3LLH5 STMICROELECTRONICS-STL9N3LLH5 Datasheet
652Kb / 12P
N-channel 30 V, 0.015 Ω, 9 A, PowerFLAT??(3.3x3.3) STripFET™V Power MOSFET
09-Jul-2009
STL150N3LLH5 STMICROELECTRONICS-STL150N3LLH5_09 Datasheet
528Kb / 12P
N-channel 30 V, 0.0014 Ω, 35 A, PowerFLAT??(6x5) STripFET™V Power MOSFET
12-Jun-2009
STL17N3LLH6 STMICROELECTRONICS-STL17N3LLH6 Datasheet
928Kb / 13P
N-channel 30 V, 0.0038 廓, 17 A PowerFLAT??3.3x3.3) STripFET??VI DeepGATE??Power MOSFET
10-Nov-2010
STL51N3LLH5 STMICROELECTRONICS-STL51N3LLH5 Datasheet
823Kb / 13P
N-channel 30 V, 0.0105, 51 A, PowerFLAT 5x6 STripFET V Power MOSFET
28-Jul-2011
STL9P2UH7 STMICROELECTRONICS-STL9P2UH7 Datasheet
513Kb / 14P
P-channel 20 V, 0.0195 Ω typ., 9 A STripFET™ H7 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
21-Oct-2014
STL9P3LLH6 STMICROELECTRONICS-STL9P3LLH6 Datasheet
628Kb / 14P
P-channel -30 V, 12 mΩ typ., -9 A STripFET™ H6 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
07-Mar-2016
STL60N3LLH5 STMICROELECTRONICS-STL60N3LLH5 Datasheet
587Kb / 12P
N-channel 30 V, 0.0063 Ω, 17 A PowerFLAT™(5x6) STripFET™ V Power MOSFET
March 2010 Rev 1
STL75N3LLZH5 STMICROELECTRONICS-STL75N3LLZH5 Datasheet
516Kb / 9P
N-channel 30 V, 0.0055 Ω, 19 A PowerFLAT™(5x6) STripFET™ V Power MOSFET
July 2010 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com