Electronic Components Datasheet Search
  English  ▼

X  

GL6551 Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # GL6551
Description  COMPANDER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6551 Datasheet(HTML) 1 Page - Hynix Semiconductor

  GL6551 Datasheet HTML 1Page - Hynix Semiconductor GL6551 Datasheet HTML 2Page - Hynix Semiconductor GL6551 Datasheet HTML 3Page - Hynix Semiconductor GL6551 Datasheet HTML 4Page - Hynix Semiconductor GL6551 Datasheet HTML 5Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GL 6551
1
GL 6551
COMPANDER
Description
The GL6551 is a compander IC to expand
dynamic
range
at
transmission/reception
systems and to improve the tone quality by
means of restricting noise. Two functions are
loaded on the IC, the one is the compressor
which has the 2/1 ratio of input/output ratio by
logarithm, and the expander which has the 1/w
ratio input/ output ratio by logarithm. The
GL6551equipped with input & filter Amp,
DATA IN OUT terminal. The GL6551 is well
suited for use in cellular radio MCA and handy
telephone set, radio communication systems.
Features
• Low operating supply voltage.
• Equipped with mute function and through function.
• Equipped with compressor MIC Amp and Expander
INPUT Amp
• Equipped with Filter Buffer Amp
• Equipped with DATA IN OUT terminal.
• Operation Voltage (2.4 ~ 7.0V)
• Total gain (10~ 100dB)
Pin Configuration
Maximum Ratings
Parameter
symbol
Spec.
Unit
Remark
Supply Voltage
VCC, MAX
10
V
Power Dissipation
PD.MAX
350
mW
Storage Temperature
TSTG
-5 ~ 125
¡ É
Operating Conditions
Parameter
symbol
Spec.
Unit
Remark
Operating Voltage
VOP
2.4 ~ 7
V
Operating Temperature
TOP
-30 ~ 70
¡ É
COMP OUT
COMP RECT
COMP REF
FIL OUT
FIL IN
VCC
EXP OUT
DATA IN
C-ACF
EXP RECT
DATA OUT
COMP NF
EXP NF
COMP IN
GND
EXP IN
EXP REF
EXP MUTE
THROUGH
COMP MUTE
1
2
4
3
5
6
7
9
8
18
10
20
19
17
16
15
13
11
12
14


Similar Part No. - GL6551

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GL6552 HYNIX-GL6552 Datasheet
68Kb / 6P
Low Voltage Compander
More results

Similar Description - GL6551

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GL6552 HYNIX-GL6552 Datasheet
68Kb / 6P
Low Voltage Compander
logo
Silan Microelectronics ...
SA8507 SILAN-SA8507 Datasheet
202Kb / 5P
COMPANDER
logo
Samsung semiconductor
KA8507B SAMSUNG-KA8507B Datasheet
82Kb / 6P
COMPANDER
logo
Mitsumi Electronics, Co...
MM1077 MITSUMI-MM1077 Datasheet
163Kb / 7P
Compander IC
logo
Motorola, Inc
MC33111 MOTOROLA-MC33111 Datasheet
120Kb / 12P
Low Voltage Compander
logo
Unisonic Technologies
UTC571N UTC-UTC571N Datasheet
187Kb / 4P
COMPANDER
logo
Tiger Electronic Co.,Lt...
SL5020 TGS-SL5020 Datasheet
157Kb / 7P
LOW VOLTAGE COMPANDER
logo
Unisonic Technologies
8507 UTC-8507_15 Datasheet
222Kb / 6P
4mA COMPANDER
logo
Hangzhou Youwang Electr...
UTC31101 YOUWANG-UTC31101 Datasheet
278Kb / 8P
Compander
2005.11.30 V1.1
UTC571M YOUWANG-UTC571M Datasheet
621Kb / 17P
Compander
2005.12.01
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com