Electronic Components Datasheet Search
  English  ▼

X  

GL6840A Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # GL6840A
Description  Electronic Two Tone Ringer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6840A Datasheet(HTML) 1 Page - Hynix Semiconductor

  GL6840A Datasheet HTML 1Page - Hynix Semiconductor GL6840A Datasheet HTML 2Page - Hynix Semiconductor GL6840A Datasheet HTML 3Page - Hynix Semiconductor GL6840A Datasheet HTML 4Page - Hynix Semiconductor GL6840A Datasheet HTML 5Page - Hynix Semiconductor GL6840A Datasheet HTML 6Page - Hynix Semiconductor GL6840A Datasheet HTML 7Page - Hynix Semiconductor GL6840A Datasheet HTML 8Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
GL6840
1
GL6840A
Electronic Two Tone Ringer
Description
GL6840A are monolithic integrated circuits designed
to replace the mechanical bell in telephone sets,
in connection with an electro acoustical converter.
The device can drive either directly a piezo ceramic
converter(buzzer) or a small loudspeaker. In this
case a transformer is needed. The two tone frequen-
cies generated are switched by an internal oscillator
in a fast sequence and made audible across output
amplifiers in the transducer, both tone frequencies
and switching frequency can be externally adjusted.
The supply voltage is obtained from the AC rings
signal and the circuit is designed so that noise on the
line or variations on the ringing signal cannot affect
the correct operation of the devices.
The output bridge configuration allows to use a high
impedance transducer with acoustical results much
better than in a single ended configuration. The two
outputs can also be connected independently to
different converters or actuators(acoustical, opto and
logic)
Features
• Low current consumption, in order to allow the
parallel operation of 4 devices
• Integrated rectifier bridge with zener diodes to
protect against overvoltages
• Little external circuitry
• Tone and switching frequencies adjustable by
external components
• Integrated voltage and current hysteresis
• Bridge output configuration
Pin Configuration
Line
Rectifier
capacitor
Buzzer
Buzzer
Output freq.
Control resistor
Sweep rate
control capacitor
GND
Line
1
2
3
4
8
7
6
5
Absolute Maximum Ratings
Calling Voltage(f=50§ Ô
)
continuous
Calling Voltage(f=50§ Ô
)
5s ON/10s OFF
Supply Current
Operating Temperature
Storage Temperature
120Vrms
200Vrms
22§ Ì
-20 to 75¡ É
-65 to 150¡ É
GL6840A
8
5
7
1
2
3
4
6
Buzzer
R1
14§ Ú
C1
100§ Ý
VS
£ «
10§ Þ
VAB Line
1§ Þ 2.2§ Ú
(Top View)
Test Circuit
For GL6840A
3.26 x 104
R
1(§ Ú
)
x (2 - e
)
f
1 =
f
2 = 0.717 x f1
f
sweep =
14 - R
1(
§ Ú
)
95
1000
C
1(§ Ý
)


Similar Part No. - GL6840A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GL6850 HYNIX-GL6850 Datasheet
37Kb / 3P
TWO TONE RINGER
GL6851 HYNIX-GL6851 Datasheet
35Kb / 3P
TWO TONE RINGER
More results

Similar Description - GL6840A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3240 STMICROELECTRONICS-L3240 Datasheet
123Kb / 6P
ELETRONIC TWO-TONE RINGER
Jun-1993
LS1240A STMICROELECTRONICS-LS1240A Datasheet
496Kb / 7P
Electronic two-tone ringer
23-Aug-2006
logo
Wing Shing Computer Com...
LS1240A WINGS-LS1240A Datasheet
282Kb / 4P
Electronic Two-Tone Ringer
logo
System Logic Semiconduc...
SL2411 SLS-SL2411 Datasheet
50Kb / 6P
Tone Ringer
logo
Daewoo Semiconductor
DBL5001 DAEWOO-DBL5001 Datasheet
317Kb / 6P
TONE RINGER
logo
Hynix Semiconductor
GL6850 HYNIX-GL6850 Datasheet
37Kb / 3P
TWO TONE RINGER
GL6851 HYNIX-GL6851 Datasheet
35Kb / 3P
TWO TONE RINGER
logo
STMicroelectronics
LS1241 STMICROELECTRONICS-LS1241 Datasheet
175Kb / 3P
Electronic Two - Tone Ringer
LS1240A STMICROELECTRONICS-LS1240A Datasheet
245Kb / 9P
Electronic two-tone ringer
23-Aug-2006
logo
Hangzhou Youwang Electr...
UTC1240A YOUWANG-UTC1240A Datasheet
92Kb / 3P
ELECTRONIC DUAL-TONE RINGER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com