Electronic Components Datasheet Search
  English  ▼

X  

GL6840A Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # GL6840A
Description  Electronic Two Tone Ringer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6840A Datasheet(HTML) 3 Page - Hynix Semiconductor

  GL6840A Datasheet HTML 1Page - Hynix Semiconductor GL6840A Datasheet HTML 2Page - Hynix Semiconductor GL6840A Datasheet HTML 3Page - Hynix Semiconductor GL6840A Datasheet HTML 4Page - Hynix Semiconductor GL6840A Datasheet HTML 5Page - Hynix Semiconductor GL6840A Datasheet HTML 6Page - Hynix Semiconductor GL6840A Datasheet HTML 7Page - Hynix Semiconductor GL6840A Datasheet HTML 8Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
GL6840
3
Electrical Characteristics : TA=25¡ Éunless otherwise specified
PARAMETER
Supply Voltage
SYMBOL
VS(pin7)
CONDITIONS
MIN.
TYP.
MAX.
26
UNIT
V
Current Consumption without
load(pin 1-8)
IB
VS=16.5 to 29.5V
1.2
1.8
§ Ì
Activation Voltage
VON
14.4
V
Sustaining Voltage
VOFF
9.7
V
13.3
8.9
12.3
8
Differential Resistance in
OFF condition(pin 8-1)
RD
§ Ú
6.4
Output Voltage Swing
VOUT
V
VS-5
Short Circuit Current
(pin 5-6)
IOUT
VS=20V
35
§ Ì
Voltage Drop between
pin 8-1 and pin 7-2
VD
3
V
Output Frequencies
FOUT1
FOUT2
F1
F2
VS=26V R1=14§ Ú
VS=0V
VS=6V
1.96
1.42
2.3
1.67
2.65
1.92
§ Õ
Programming Resistor Range
§ Ú
8
20
Sweep Frequency
§ Ô
7
13
FSWEEP
C1=100§ Ý
10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com