| Electronic Components Datasheet Search |
|
GL6851 Datasheet(PDF) 1 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
GL6851 Datasheet(HTML) 1 Page - Hynix Semiconductor |
|
1 / 3 page ![]() GL6851 1 GL6851 TWO TONE RINGER Description The GL6851 tone ringer is a monolithic device, which incorporates two oscillators, an output amplifier and a power supply control circuit. The oscillator frequencies can be adjusted over a wide range by selection of external components. One oscillator, normally operated at a low frequency, causes the second oscillator to alternate between its nominal frequency, and a related higher frequency. The resulting output is a distinct warbling tone. The output amplifier will drive either a transformer coupled loudspeaker or a piezo-ceramic transducer. The device can be powered from a telephone line or a fixed d.c. supply. The GL6851 has provision for adjustment of the supply initiation current. Pin Configuration Features • Low current consumption. • Designed for telephone bell replacement. • Small size MINIDIP package. • Adjustable 2- frequency tone. • Built-in hysteresis prevents false triggering and rotary dial CHIRPS. • Alarms or other alerting devices. • Adjustable for reduced supply initiation current • Include ESD protection. Block Diagram 1 2 3 4 5 6 7 8 GL6851 VCC RSL LOWOSC_1 LOWOSC_2 OUTPUT HIGHOSC_2 HIGHOSC_1 GND 5 6 7 8 4 3 2 1 POWER SUPPLY CONTROL CIRCUIT (WITH HYSTERESIS) LOW FREQUENCY OSCILLATOR HIGH FREQUENCY OSCILLATOR OUTPUT AMPLIFIER |
Similar Part No. - GL6851 |
|
Similar Description - GL6851 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |