Electronic Components Datasheet Search
  English  ▼

X  

GL6851 Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # GL6851
Description  TWO TONE RINGER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6851 Datasheet(HTML) 3 Page - Hynix Semiconductor

  GL6851 Datasheet HTML 1Page - Hynix Semiconductor GL6851 Datasheet HTML 2Page - Hynix Semiconductor GL6851 Datasheet HTML 3Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GL6851
3
PIN DESCRIPTION
PIN NUMBER
PIN FUNCTION
DESCRIPTION
PIN 1
VCC
Operating supply D.C. voltage rectified
from ringing signal.
PIN2
RSL
Initiation current programming Pin.
(Must be connected)
PIN3
LOWOSC_1
PIN 4
LOWOSC_2
Low Frequency Time Constant Adjustment pins
fL is controlled externally by R2 and C2
fL = 1/1.289R2C2
PIN 5
GND
Ground
PIN 6
HIGHOSC_1
PIN 7
HIGHOSC_2
High Frequency Time Constant Adjustment Pins
fH1 and fH2 are controlled externally by R3 and C3.
fH1=1/1.504R3C3, fH2 = 1/1.203R3C3
PIN 8
OUTPUT
Tone output
APPLICATON CIRCUIT
7K - 13K
1300 : 8 ohm
TIP
C1
R1
RING
C4
D1
R2
C2
C5
R3
C3
15K
10K
VOLUME
C1 = 0.9uF
C2 = 0.47uF
C3 = 6.8nF
C4 = 22µf / 35V
C5 = 0.22 uF
D1 = 29 V
R1 = 560 ohm
R2 = 165 kohm
R3 = 191 kohm
1
2
3
4
5
6
7
8
GL 6851
RSL



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com