Electronic Components Datasheet Search
  English  ▼

X  

BFS540_2015 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFS540_2015
Description  NPN 9 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFS540_2015 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BFS540_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS540_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS540_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS540_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS540_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS540_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS540_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS540_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS540_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2000 May 30
2
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistor
BFS540
FEATURES
• High power gain
• Low noise figure
• High transition frequency
• Gold metallization ensures
excellent reliability
• SOT323 package.
APPLICATIONS
RF wideband amplifier applications
such as satellite TV systems and RF
portable communication equipment
with signal frequencies up to 2 GHz.
DESCRIPTION
NPN transistor in a SOT323 plastic
package.
PINNING
PIN
DESCRIPTION
1
base
2
emitter
3
collector
Fig.1 SOT323.
handbook, 2 columns
3
12
MBC870
Top view
Marking code: N4.
QUICK REFERENCE DATA
Note
1. Ts is the temperature at the soldering point of the collector tab.
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 60134).
Note
1. Ts is the temperature at the soldering point of the collector tab.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−
20
V
VCEO
collector-emitter voltage
open base
−−
15
V
IC
DC collector current
−−
120
mA
Ptot
total power dissipation
Ts ≤ 80 °C; note 1
−−
500
mW
hFE
DC current gain
IC = 40 mA; VCE =8V; Tj =25 °C
100
120
250
fT
transition frequency
IC = 40 mA; VCE = 8 V; f = 1 GHz;
Tamb =25 °C
−
9
−
GHz
GUM
maximum unilateral power gain
IC = 40 mA; VCE = 8 V; f = 900 MHz;
Tamb =25 °C
−
14
−
dB
F
noise figure
IC = 10 mA; VCE = 8 V; f = 900 MHz;
Tamb =25 °C
−
1.3
1.7
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
20
V
VCES
collector-emitter voltage
RBE =0
−
15
V
VEBO
emitter-base voltage
open collector
−
2.5
V
IC
DC collector current
−
120
mA
Ptot
total power dissipation
Ts ≤ 80 °C; note 1
−
500
mW
Tstg
storage temperature
−65
150
°C
Tj
junction temperature
−
175
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com