Electronic Components Datasheet Search
  English  ▼

X  

BFS540_2015 Datasheet(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFS540_2015
Description  NPN 9 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFS540_2015 Datasheet(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BFS540_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS540_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS540_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS540_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS540_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS540_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS540_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS540_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS540_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2000 May 30
3
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistor
BFS540
THERMAL CHARACTERISTICS
Note
1. Ts is the temperature at the soldering point of the collector tab.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Notes
1. GUM is the maximum unilateral power gain, assuming s12 is zero and
2. IC = 40 mA; VCE = 8 V; RL =50 Ω; f = 900 MHz; Tamb =25 °C;
fp = 900 MHz; fq = 902 MHz; measured at f(2p−q) = 898 MHz and at f(2q−p) = 904 MHz.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
Ts ≤ 80 °C; note 1
190
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCE =8V
−−
50
nA
hFE
DC current gain
IC = 40 mA; VCE = 8 V
100
120
250
Ce
emitter capacitance
IC =ic = 0; VEB = 0.5 V; f = 1 MHz
−
2
−
pF
Cc
collector capacitance
IE =ie = 0; VCB = 8 V; f = 1 MHz
−
0.9
−
pF
Cre
feedback capacitance
IC = 0; VCB = 8 V; f = 1 MHz
−
0.6
−
pF
fT
transition frequency
IC = 40 mA; VCE = 8 V; f = 1 GHz;
Tamb =25 °C
−
9
−
GHz
GUM
maximum unilateral power gain
(note 1)
IC = 40 mA; VCE = 8 V; f = 900 MHz;
Tamb =25 °C
−
14
−
dB
IC = 40 mA; VCE = 8 V; f = 2 GHz;
Tamb =25 °C
−
8
−
dB
|s
21|
2
insertion power gain
IC = 40 mA; VCE = 8 V; f = 900 MHz;
Tamb =25 °C
12
13
−
dB
F
noise figure
Γ
s = Γopt;IC = 10 mA; VCE =8V;
f = 900 MHz; Tamb =25 °C
−
1.3
1.8
dB
Γ
s = Γopt;IC = 40 mA; VCE =8V;
f = 900 MHz; Tamb =25 °C
−
1.9
2.4
dB
Γ
s = Γopt;IC = 10 mA; VCE =8V;
f = 2 GHz; Tamb =25 °C
−
2.1
−
dB
PL1
output power at 1 dB gain
compression
Ic = 40 mA; VCE =8V; RL =50 Ω;
f = 900 MHz; Tamb =25 °C
−
21
−
dBm
ITO
third order intercept point
note 2
−
34
−
dBm
G
UM
10 log
s
21
2
1s
11
2
–
() 1s
22
2
–
()
--------------------------------------------------------
dB.
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com