Electronic Components Datasheet Search
  English  ▼

X  

SST213 Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # SST213
Description  N-Channel Lateral DMOS FETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

SST213 Datasheet(HTML) 4 Page - TEMIC Semiconductors

  SST213 Datasheet HTML 1Page - TEMIC Semiconductors SST213 Datasheet HTML 2Page - TEMIC Semiconductors SST213 Datasheet HTML 3Page - TEMIC Semiconductors SST213 Datasheet HTML 4Page - TEMIC Semiconductors SST213 Datasheet HTML 5Page - TEMIC Semiconductors SST213 Datasheet HTML 6Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SD211DE/SST211 Series
4
Siliconix
S-51850—Rev. F, 14-Apr-97
Typical Characteristics
Leakage Current vs. Applied Voltage
On-Resistance vs. Temperature
Threshold Voltage vs. Temperature
On-Resistance vs. Gate-Source Voltage
Common-Source Forward Transconductance
vs. Drain Current
Applied Voltage (V)
020
ISBO
IGSS (Diode)
ID (off) @ VGS = VBG = –5 V
IS(off) @ VGD = VBD = –5V
ISBO @ VGB = 0 V, Drain Open
10 nA
1 nA
100 pA
10 pA
1 pA
IS(off)
300
04
8
12
20
240
180
60
0
16
120
5 V
10 V
VGS = 4 V
1
100
20
16
12
8
4
0
10
25
_C
VDS = 15 V
VBS = 0 V
TA = 55_C
125
_C
100
–60
60
20
–20
100
140
80
60
40
20
0
10 V
15 V
20 V
5
–60
60
100
20
–20
140
4
3
2
1
0
–5 V
–1 V
0 V
VGS = VDS = VTH
ID = 1 mA
VBS = –10 V
ID = 5 mA, VBS = 0 V
4
8
12
16
TA – Temperature (_C)
TA – Temperature (_C)
ID – Drain Current (mA)
VGS = 5 V
Output Conductance vs. Drain Current
1.0
020
4
0.8
0.6
0.4
0.2
0
VDS = 5 V
15 V
VBS = 0 V
f = 1 kHz
ID – Drain Current (mA)
812
16
VSB – Body-Source Voltage (V)
ID(off)
10 V
–0.5 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com