Electronic Components Datasheet Search
  English  ▼

X  

STL3NK40 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL3NK40
Description  N-channel 400 V, 4.5 typ., 0.43 A, SuperMESH Power MOSFET in a PowerFLAT 5x5 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL3NK40 Datasheet(HTML) 1 Page - STMicroelectronics

  STL3NK40 Datasheet HTML 1Page - STMicroelectronics STL3NK40 Datasheet HTML 2Page - STMicroelectronics STL3NK40 Datasheet HTML 3Page - STMicroelectronics STL3NK40 Datasheet HTML 4Page - STMicroelectronics STL3NK40 Datasheet HTML 5Page - STMicroelectronics STL3NK40 Datasheet HTML 6Page - STMicroelectronics STL3NK40 Datasheet HTML 7Page - STMicroelectronics STL3NK40 Datasheet HTML 8Page - STMicroelectronics STL3NK40 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
August 2013
DocID16246 Rev 2
1/16
STL3NK40
N-channel 400 V, 4.5
Ω typ., 0.43 A, SuperMESH™
Power MOSFET in a PowerFLAT™ 5x5 package
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Extremely high dv/dt capability
• 100% avalanche rated
• Gate charge minimized
• Very low intrinsic capacitances
Applications
• Switching applications
Description
This device is an N-channel Power MOSFET
developed using STMicroelectronics'
SuperMESH™ technology, achieved through
optimization of ST's well established strip-based
PowerMESH™ layout. In addition to a significant
reduction in on-resistance, this device is designed
to ensure a high level of dv/dt capability for the
most demanding applications.
PowerFLAT™ 5x5
1
4
5
7
8
11
12
14
1
4
12
7
6
5
11
10
Type C
Type S
S 2
S 3
S 4
5
D
6
D
D
12
D
11
10 G
9
8 S
7 S
Pin 1
Drain
(not connected)
AM16048v1
S
Pin 1
Drain
S 2
S 3
S 4
(not connected)
D
14
D
13
D
12
11 G
10 S
9 S
8 S
5
D
6
D
7
D
Type C
Type S
Order code
VDS RDS(on) max
ID
PTOT
STL3NK40
400 V
5.5
Ω
0.43 A
2.5 W
Table 1. Device summary
Order code
Marking
Packages
Packaging
STL3NK40
3NK40
PowerFLAT™ 5x5
Tape and reel
www.st.com


Similar Part No. - STL3NK40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL3N10F7 STMICROELECTRONICS-STL3N10F7 Datasheet
889Kb / 13P
N-channel enhancement mode
30-Apr-2014
STL3N65M2 STMICROELECTRONICS-STL3N65M2 Datasheet
318Kb / 13P
N-channel 650 V, 1.6 typ., 2.3 A MDmesh M2 Power MOSFET in a PowerFLAT 3.3x3.3 HV package
26-May-2022
STL3NM60N STMICROELECTRONICS-STL3NM60N Datasheet
865Kb / 13P
Low input capacitance and gate charge
19-Nov-2014
More results

Similar Description - STL3NK40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL57N65M5 STMICROELECTRONICS-STL57N65M5 Datasheet
1Mb / 16P
N-channel 650 V, 0.061 廓 typ., 22.5 A MDmesh??V Power MOSFET in a PowerFLAT??8x8 HV package
25-Jan-2013
STL36N55M5 STMICROELECTRONICS-STL36N55M5 Datasheet
1Mb / 17P
N-channel 550 V, 0.066 typ., 22.5 A MDmesh V Power MOSFET in a PowerFLAT 8x8 HV package
24-Jan-2013
STL8N80K5 STMICROELECTRONICS-STL8N80K5 Datasheet
1Mb / 17P
N-channel 800 V, 0.80 typ., 4.5 A Zener-protected SuperMESH 5 Power MOSFET in a PowerFLAT
19-Nov-2013
STL6N2VH5 STMICROELECTRONICS-STL6N2VH5 Datasheet
501Kb / 12P
N-channel 20 V, 0.025 typ., 6 A STripFET V Power MOSFET in PowerFLAT 2x2 package
10-Jan-2013
STL80N75F6 STMICROELECTRONICS-STL80N75F6 Datasheet
1Mb / 15P
N-channel 75 V, 4.5 m typ., 18 A STripFET DeepGATE VI Power MOSFET in PowerFLAT 5x6 package
11-Mar-2014
STL56N3LLH5 STMICROELECTRONICS-STL56N3LLH5 Datasheet
910Kb / 16P
N-channel 30 V, 0.0076 typ., 15 A STripFET V Power MOSFET in a PowerFLAT 5x6 package
13-Feb-2013
STL8N65M5 STMICROELECTRONICS-STL8N65M5 Datasheet
1Mb / 13P
N-channel 650 V, 0.56, 7 A MDmesh V Power MOSFET in PowerFLAT 5x5
08-Aug-2011
STL66N3LLH5 STMICROELECTRONICS-STL66N3LLH5 Datasheet
985Kb / 15P
Automotive-grade dual N-channel 30 V, 4.5 mΩ typ., 80 A STripFET™ H5 Power MOSFET in a PowerFLAT™ 5x6 package
22-Jan-2016
STL11N65M5 STMICROELECTRONICS-STL11N65M5 Datasheet
1Mb / 14P
N-channel 650 V, 0.475 Ω typ., 8.5 A MDmesh™ M5 Power MOSFET in a PowerFLAT™ 5x5 package
October 2014 Rev 2
STL10N65M2 STMICROELECTRONICS-STL10N65M2 Datasheet
796Kb / 15P
N-channel 650 V, 0.85 typ., 4.5 A MDmesh M2 Power MOSFET in a PowerFLAT 5x6 HV package
20-Jun-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com