Electronic Components Datasheet Search
  English  ▼

X  

STL3NK40 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL3NK40
Description  N-channel 400 V, 4.5 typ., 0.43 A, SuperMESH Power MOSFET in a PowerFLAT 5x5 package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL3NK40 Datasheet(HTML) 3 Page - STMicroelectronics

  STL3NK40 Datasheet HTML 1Page - STMicroelectronics STL3NK40 Datasheet HTML 2Page - STMicroelectronics STL3NK40 Datasheet HTML 3Page - STMicroelectronics STL3NK40 Datasheet HTML 4Page - STMicroelectronics STL3NK40 Datasheet HTML 5Page - STMicroelectronics STL3NK40 Datasheet HTML 6Page - STMicroelectronics STL3NK40 Datasheet HTML 7Page - STMicroelectronics STL3NK40 Datasheet HTML 8Page - STMicroelectronics STL3NK40 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DocID16246 Rev 2
3/16
STL3NK40
Electrical ratings
16
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
400
V
VDGR
Drain-gate voltage (RGS = 20 kΩ)
400
V
VGS
Gate- source voltage
± 20
V
ID
(1)
1.
When mounted on FR-4 Board of 1 inch², 2 oz Cu (t < 100 s)
Drain current (continuous) at Tpcb = 25 °C
0.43
A
Drain current (continuous) at Tpcb = 100 °C
0.27
A
IDM
(1)
Drain current (pulsed)
1.72
A
PTOT
(1)
Total dissipation at TC = 25 °C
2.5
W
dv/dt (2)
2.
ISD < 0.43 A, di/dt< 200 A/µs, VDD < 320 V
Peak diode recovery voltage slope
4.5
V/ns
Tstg
Tj
Storage temperature
Max. operating junction temperature
-55 to 150
°C
Table 3. Thermal resistance
Symbol
Parameter
Value
Unit
Rthj-pcb
(1)
1.
When mounted on FR-4 Board of 1 inch², 2 oz Cu (t < 100 s)
Thermal resistance junction-pcb
50
°C/W
Table 4. Avalanche data
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj max)
0.43
A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
60
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com