Electronic Components Datasheet Search
  English  ▼

X  

GMS30004 Datasheet(PDF) 109 Page - Hynix Semiconductor

Part # GMS30004
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30004 Datasheet(HTML) 109 Page - Hynix Semiconductor

Back Button GMS30004 Datasheet HTML 105Page - Hynix Semiconductor GMS30004 Datasheet HTML 106Page - Hynix Semiconductor GMS30004 Datasheet HTML 107Page - Hynix Semiconductor GMS30004 Datasheet HTML 108Page - Hynix Semiconductor GMS30004 Datasheet HTML 109Page - Hynix Semiconductor GMS30004 Datasheet HTML 110Page - Hynix Semiconductor GMS30004 Datasheet HTML 111Page - Hynix Semiconductor GMS30004 Datasheet HTML 112Page - Hynix Semiconductor GMS30004 Datasheet HTML 113Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 158 page
background image
A - 4
- Lead code
9ms
4.5ms
9ms
2.25ms
0.56ms
0.56ms
1.125ms
0.56ms
2.25ms
Bit
Ì0Ì
Bit
Ì1Ì
- Repeat code
- Bit Description
- Flame Interval : Tf
The transmitted waveform as long as a key is depressed
Tf
Tf
Tf = 108ms @455KHz
Appendix A Magic-
é
é



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com