Electronic Components Datasheet Search
  English  ▼

X  

GMS30004 Datasheet(PDF) 60 Page - Hynix Semiconductor

Part # GMS30004
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30004 Datasheet(HTML) 60 Page - Hynix Semiconductor

Back Button GMS30004 Datasheet HTML 56Page - Hynix Semiconductor GMS30004 Datasheet HTML 57Page - Hynix Semiconductor GMS30004 Datasheet HTML 58Page - Hynix Semiconductor GMS30004 Datasheet HTML 59Page - Hynix Semiconductor GMS30004 Datasheet HTML 60Page - Hynix Semiconductor GMS30004 Datasheet HTML 61Page - Hynix Semiconductor GMS30004 Datasheet HTML 62Page - Hynix Semiconductor GMS30004 Datasheet HTML 63Page - Hynix Semiconductor GMS30004 Datasheet HTML 64Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 158 page
background image
5 - 6
4. Commands in Each Menu
^stands for [CTRL] key, while @ stands for [ALT] key.
4.1 File Menu
Use the function key behind each command as a hot key or execute each
command through selecting [ALT]-[F] key and pressing the highlighted
character.
Load RHX F2 : Load the file named *.RHX, analyze the selected Hexa file
and disassemble it. Display the program address, assemble
code and mnemonic. The order of displayed program
addresses follows the POLYNOMIAL form. Even when the
extention is not input in case of selection, .RHX extension is
presumed to include.
Load CRF @F2 : If Cross reference file of loaded file loads the *.CRF file,
labels and variables assigned by programmer are displayed
at accurate position of Source window so that programmer
can read the program easily. Even when the extension is not
input in case of file selection, .CRF extension is presumed to
include.
Write RHX F3 : When any modifications are made to source program or
program memory after the simulator is loaded once, the
modifications are stored in the same or new filename as
loaded. It has the same command and function as > WP
[filename] of In-line command.
Log ON/OFF F4 : After the simulator is executed, all the input and results are
stored in the filename GMS30K.LOG Once function key [F4]
is pressed, log-in starts, and if the key is pressed one more
time, log-in file is closed in a toggling way. The ON/OFF
state of log-in is displayed in the upper-right corner. It has
the same function as > LOGON and > LOGOFF of In-line
commands.
Os shell @S : When users want to work temporarily under DOS environment,
this command is used. When users want to back to Windows
environment, input > EXIT.
Exit @X
: Used when getting completely out of the simulator environment.
Chapter 5. Software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com