Electronic Components Datasheet Search
  English  ▼

X  

GMS30004 Datasheet(PDF) 25 Page - Hynix Semiconductor

Part # GMS30004
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30004 Datasheet(HTML) 25 Page - Hynix Semiconductor

Back Button GMS30004 Datasheet HTML 21Page - Hynix Semiconductor GMS30004 Datasheet HTML 22Page - Hynix Semiconductor GMS30004 Datasheet HTML 23Page - Hynix Semiconductor GMS30004 Datasheet HTML 24Page - Hynix Semiconductor GMS30004 Datasheet HTML 25Page - Hynix Semiconductor GMS30004 Datasheet HTML 26Page - Hynix Semiconductor GMS30004 Datasheet HTML 27Page - Hynix Semiconductor GMS30004 Datasheet HTML 28Page - Hynix Semiconductor GMS30004 Datasheet HTML 29Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 158 page
background image
2 - 6
Clock Generator
The GMS300 series has an internal clock oscillator. The oscillator circuit is
designed to operate with an external ceramic resonator. Internal capacitors are
available as a masked option. Oscillator circuit is able to organize by connecting
ceramic resonator to outside. (In order to built in capacitor for oscillation as
masked option.)
* It is necessary to connect capacitor to outside in order to change ceramic
resonator, You must examine refer to a manufacturer`s
Pulse generator
The following frequency and duty ratio are selected for carrier signal outputted
from the REMOUT port depending on a PMR (Pulse Mode Register) value set in
a program.
T
T1
REMOUT signal
T=1/f
PUL = 12/fOSC,
T1/T = 1/2
0
1
PMR
2
3
4
5
T=1/f
PUL = 12/fOSC,
T1/T = 1/3
T=1/f
PUL = 8/fOSC,
T1/T = 1/2
T=1/f
PUL = 8/fOSC,
T1/T = 1/4
T=1/f
PUL = 11/fOSC,
T1/T = 4/11
No Pulse (same to D0~D9)
* Default value is
Ì0Ì
Table 2-2 PMR selection table
Chapter 2. Architecture
22
23
OSC2
OSC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com