Electronic Components Datasheet Search
  English  ▼

X  

GMS30004 Datasheet(PDF) 117 Page - Hynix Semiconductor

Part # GMS30004
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30004 Datasheet(HTML) 117 Page - Hynix Semiconductor

Back Button GMS30004 Datasheet HTML 113Page - Hynix Semiconductor GMS30004 Datasheet HTML 114Page - Hynix Semiconductor GMS30004 Datasheet HTML 115Page - Hynix Semiconductor GMS30004 Datasheet HTML 116Page - Hynix Semiconductor GMS30004 Datasheet HTML 117Page - Hynix Semiconductor GMS30004 Datasheet HTML 118Page - Hynix Semiconductor GMS30004 Datasheet HTML 119Page - Hynix Semiconductor GMS30004 Datasheet HTML 120Page - Hynix Semiconductor GMS30004 Datasheet HTML 121Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 158 page
background image
B - 3
3. Output
Output waveform for LC7461M-C13
A single pulse, modulated with 37.917KHz signal at 455KHz
7F
7
&DUULHU IUHTXHQF\
I# 7F I $
'XW\ UDWLR 77F 
Repeat
code
Tf
Repeat flame
- Configuration of Flame
1st flame
- Lead code
9ms
4.5ms
C0
~
C12 C0
~
C12 D0
~
D7 D0
C2
Lead
Code
Custom Code
Custom Code
Data Code
Data Code
D7
Appendix B Magic-
é
éa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com