Electronic Components Datasheet Search
  English  ▼

X  

GMS30004 Datasheet(PDF) 126 Page - Hynix Semiconductor

Part # GMS30004
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30004 Datasheet(HTML) 126 Page - Hynix Semiconductor

Back Button GMS30004 Datasheet HTML 122Page - Hynix Semiconductor GMS30004 Datasheet HTML 123Page - Hynix Semiconductor GMS30004 Datasheet HTML 124Page - Hynix Semiconductor GMS30004 Datasheet HTML 125Page - Hynix Semiconductor GMS30004 Datasheet HTML 126Page - Hynix Semiconductor GMS30004 Datasheet HTML 127Page - Hynix Semiconductor GMS30004 Datasheet HTML 128Page - Hynix Semiconductor GMS30004 Datasheet HTML 129Page - Hynix Semiconductor GMS30004 Datasheet HTML 130Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 158 page
background image
C - 6
3) Output waveform for M50560-001P
A single pulse, modulated with 37.917KHz signal at 455KHz
7F
7
&DUULHU IUHTXHQF\
I# 7F I $
'XW\ UDWLR 77F 
- Configuration of Flame
C0 C1 C2 C3 C4 C5 C6 C7
D0 D1 D2 D3 D4 D5 D6 D7
Lead Pulse
Low
Custom Code
Data Code
Separation
Period
4ms
4ms
8ms
- Bit Description
0.5ms
1.0ms
0.5ms
2.0ms
Bit
Ì0Ì
Bit
Ì1Ì
- Flame Interval :,Tf
The transmitted waveform as long as a key is depressed.
Tf=60ms
60ms
Appendix C Magic-
ê
ê



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com