Electronic Components Datasheet Search
  English  ▼

X  

GMS30004 Datasheet(PDF) 135 Page - Hynix Semiconductor

Part # GMS30004
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30004 Datasheet(HTML) 135 Page - Hynix Semiconductor

Back Button GMS30004 Datasheet HTML 131Page - Hynix Semiconductor GMS30004 Datasheet HTML 132Page - Hynix Semiconductor GMS30004 Datasheet HTML 133Page - Hynix Semiconductor GMS30004 Datasheet HTML 134Page - Hynix Semiconductor GMS30004 Datasheet HTML 135Page - Hynix Semiconductor GMS30004 Datasheet HTML 136Page - Hynix Semiconductor GMS30004 Datasheet HTML 137Page - Hynix Semiconductor GMS30004 Datasheet HTML 138Page - Hynix Semiconductor GMS30004 Datasheet HTML 139Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 158 page
background image
D - 5
4. Truth Table
Key
No.
Key Data(hex) of Diode Select
(D5 D6 D7)
000 100 010 110 001 101 011 111
Key
No.
Key Data(hex) of Diode Select
(D5 D6 D7)
000 100 010 110 001 101 011 111
00
20
40
60
80
A0
C0
E0
1
25
01
21
41
61
81
A1
C1
E1
2
26
02
22
42
62
82
A2
C2
E2
3
27
03
23
43
63
83
A3
C3
E3
4
28
04
24
44
64
84
A4
C4
E4
5
29
05
25
45
65
85
A5
C5
E5
6
30
06
26
46
66
86
A6
C6
E6
7
31
07
27
47
67
87
A7
C7
E7
8
32
08
28
48
68
88
A8
C8
E8
20
40
50
80
A0
C0
E0
00
9
33
09
29
49
69
89
A9
C9
E9
10
34
0A
2A
4A
6A
8A
AA
CA
EA
11
35
0B
2B
4B
6B
8B
AB
CB
EB
12
36
0C
2C
4C
6C
8C
AC
CC
EC
34
54
74
94
B4
D4
F4
14
13
37
0D
2D
4D
6D
8D
AD
CD
ED
14
38
0E
2E
4E
6E
8E
AE
CE
EE
15
39
0F
2F
4F
6F
8F
AF
CF
EF
16
40
10
30
50
70
90
B0
D0
F0
58
78
98
B8
D8
F8
18
38
17
41
18
42
19
43
20
44
9C
BC
DC
FC
1C
3C
5C
7C
21
45
22
46
23
47
24
48
11
31
51
71
91
B1
D1
F1
12
32
52
72
92
B2
D2
F2
13
33
53
73
93
B3
D3
F3
14
34
54
74
94
B4
D4
F4
15
35
55
75
95
B5
D5
F5
16
36
56
76
96
B6
D6
F6
17
37
57
77
97
B7
D7
F7
18
38
58
78
98
B8
D8
F8
19
39
59
79
99
B9
D9
F9
1A
3A
5A
7A
9A
BA
DA
FA
1B
3B
5B
7B
9B
BB
DB
FB
1C
3C
5C
7C
9C
BC
DC
FC
1D
3D
5D
7D
9D
BD
DD
FD
1E
3E
5E
7E
9E
BE
DE
FE
1F
3F
5F
7F
9F
BF
DF
FF
21
41
51
81
A1
C1
E1
01
22
42
52
82
A2
C2
E2
02
23
43
53
83
A3
C3
E3
03
35
55
75
95
B5
D5
F5
15
36
56
76
96
B6
D6
F6
16
37
57
77
97
B7
D7
F7
17
59
79
9A
B9
D9
F9
19
39
5A
7A
9B
BA
DA
FA
1A
3A
5B
7B
9C
BB
DB
FB
1B
3B
9D
BD
DD
FD
1D
3D
5D
7D
9E
BE
DE
FE
1E
3E
5E
7E
9F
BF
DF
FF
1F
3F
5F
7F
Appendix D Magic-
ê
êb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com