Electronic Components Datasheet Search
  English  ▼

X  

GMS87C1202 Datasheet(PDF) 41 Page - Hynix Semiconductor

Part # GMS87C1202
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1202 Datasheet(HTML) 41 Page - Hynix Semiconductor

Back Button GMS87C1202 Datasheet HTML 37Page - Hynix Semiconductor GMS87C1202 Datasheet HTML 38Page - Hynix Semiconductor GMS87C1202 Datasheet HTML 39Page - Hynix Semiconductor GMS87C1202 Datasheet HTML 40Page - Hynix Semiconductor GMS87C1202 Datasheet HTML 41Page - Hynix Semiconductor GMS87C1202 Datasheet HTML 42Page - Hynix Semiconductor GMS87C1202 Datasheet HTML 43Page - Hynix Semiconductor GMS87C1202 Datasheet HTML 44Page - Hynix Semiconductor GMS87C1202 Datasheet HTML 45Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 89 page
background image
GMS81C1102 / GMS81C1202
38
Jan. 2002 ver 2.0
13. I/O PORTS
The GMS81C1202 has three ports, RA, RB and RC. These
ports pins may be multiplexed with an alternate function
for the peripheral features on the device. In general, when
a initial reset state, all ports are used as a general purpose
input port.
All pins have data direction registers which can set these
ports as output or input. A “1” in the port direction register
defines the corresponding port pin as output. Conversely,
write “0” to the corresponding bit to specify as an input
pin. For example, to use the even numbered bit of RA as
output ports and the odd numbered bits as input ports, write
“55H” to address C1H (RA direction register) during initial
setting as shown in Figure 13-1.
Reading data register reads the status of the pins whereas
writing to it will write to the port latch.
Figure 13-1 Example of port I/O assignment
13.1 RA and RAIO registers
RA is an 8-bit bidirectional I/O port (address C0H). Each
port can be set individually as input and output through the
RAIO register (address C1H).
RA7~RA1 ports are multiplexed with Analog Input Port
( AN7~AN1 ) and RA0 port is multiplexed with Event
Counter Input Port ( EC0 ).
Figure 13-2 Registers of Port RA
The control register RAFUNC (address CAH) controls to
select alternate function. After reset, this value is "0", port
may be used as general I/O ports. To select alternate func-
tion such as Analog Input or External Event Counter Input,
write "1" to the corresponding bit of RAFUNC.Regardless
of the direction register RAIO, RAFUNC is selected to use
as alternate functions, port pin can be used as a correspond-
ing alternate features ( RA0/EC0 is controlled by RB-
FUNC )
I : INPUT PORT
WRITE "55H" TO PORT RA DIRECTION REGISTER
0
1
0
1
0
1
0
1
I
O
I
O
I
O
I
O
RA DATA
RB DATA
RA DIRECTION
RB DIRECTION
C0H
C1H
C2H
C3H
76543210
BIT
76543210 PORT
O : OUTPUT PORT
RA7 RA6 RA5 RA4 RA3 RA2 RA1 RA0
INPUT / OUTPUT DATA
RA Data Register
RA
ADDRESS : C0H
RESET VALUE : Undefined
ANSEL0
RA Function Selection Register
RAFUNC
ADDRESS : CAH
RESET VALUE : 00000000
ANSEL7
ANSEL1
ANSEL2
ANSEL3
ANSEL4
ANSEL5
ANSEL6
0 : RB0
1 : AN0
0 : RA1
1 : AN1
0 : RA2
1 : AN2
0 : RA3
1 : AN3
0 : RA4
1 : AN4
0 : RA5
1 : AN5
0 : RA6
1 : AN6
0 : RA7
1 : AN7
0 : INPUT PORT
1 : OUTPUT PORT
DIRECTION SELECT
RA7 RA6 RA5 RA4 RA3 RA2 RA1 RA0
RA Direction Register
RAIO
ADDRESS : C1H
RESET VALUE : 00000000
PORT
RAFUNC.7~0
Description
RA7/AN7
0
RA7 ( Normal I/O Port )
1
AN7 ( ADS2~0=111 )
RA6/AN6
0
RA6 ( Normal I/O Port )
1
AN6 ( ADS2~0=110 )
RA5/AN5
0
RA5 ( Normal I/O Port )
1
AN5 ( ADS2~0=101 )
RA4/AN4
0
RA4 ( Normal I/O Port )
1
AN4 ( ADS2~0=100 )
RA3/AN3
0
RA3 ( Normal I/O Port )
1
AN3 ( ADS2~0=011 )
RA2/AN2
0
RA2 ( Normal I/O Port )
1
AN2 ( ADS2~0=010 )
RA1/AN1
0
RA1 ( Normal I/O Port )
1
AN1 ( ADS2~0=001 )
RA0/EC01
1. This port is not an Analog Input port, but Event Counter
clock source input port. ECO is controlled by setting
TOCK2~0 = 111.
The bit RAFUNC.0 (ANSEL0) controls the RB0/AN0/AVref
port ( Refer to Port RB).
RA0 ( Normal I/O Port )
EC0 ( T0CK2~0=111 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com