Electronic Components Datasheet Search
  English  ▼

X  

GMS87C1202 Datasheet(PDF) 65 Page - Hynix Semiconductor

Part # GMS87C1202
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1202 Datasheet(HTML) 65 Page - Hynix Semiconductor

Back Button GMS87C1202 Datasheet HTML 61Page - Hynix Semiconductor GMS87C1202 Datasheet HTML 62Page - Hynix Semiconductor GMS87C1202 Datasheet HTML 63Page - Hynix Semiconductor GMS87C1202 Datasheet HTML 64Page - Hynix Semiconductor GMS87C1202 Datasheet HTML 65Page - Hynix Semiconductor GMS87C1202 Datasheet HTML 66Page - Hynix Semiconductor GMS87C1202 Datasheet HTML 67Page - Hynix Semiconductor GMS87C1202 Datasheet HTML 68Page - Hynix Semiconductor GMS87C1202 Datasheet HTML 69Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 89 page
background image
GMS81C1102 / GMS81C1202
62
Jan. 2002 ver 2.0
20. WATCHDOG TIMER
The purpose of the watchdog timer is to detect the mal-
function (runaway) of program due to external noise or
other causes and return the operation to the normal condi-
tion.
The watchdog timer has two types of clock source.
The first type is an on-chip RC oscillator which does not
require any external components. This RC oscillator is sep-
arate from the external oscillator of the Xin pin. It means
that the watchdog timer will run, even if the clock on the
Xin pin of the device has been stopped, for example, by en-
tering the STOP mode.
The other type is a prescaled system clock.
The watchdog timer consists of 7-bit binary counter and
the watchdog timer data register. The source clock of
WDT is overflow of Basic Interval Timer. When the value
of 7-bit binary counter is equal to the lower 7 bits of
WDTR, the interrupt request flag is generated. This can be
used as WDT interrupt or CPU reset signal in accordance
with the bit WDTON .
Note: Because the watchdog timer counter is enabled af-
ter clearing Basic Interval Timer, after the bit WD-
TON set to "1", maximum error of timer is depend on
prescaler ratio of Basic Interval Timer.
The 7-bit binary counter is cleared by setting WDTCL(bit7
of WDTR) and the WDTCL is cleared automatically after
1 machine cycle.
The RC oscillated watchdog timer is activated by setting
the bit RCWDT of CKCTLR and executing the STOP in-
struction as shown below.
The RC oscillation period is variable according to the tem-
perature, VDD and process variations from part to part (ap-
proximately, 120~180uS). The following equation shows
the RC oscillated watchdog timer time-out.
T RCW D T=C LK RC×28×[W D TR .6~ 0]+ (C LK RC ×28)/2
w h ere, C L K RC = 12 0~ 180 uS
In addition, this watchdog timer can be used as a simple 7-
bit timer by interrupt WDTIF. The interval of watchdog
timer interrupt is decided by Basic Interval Timer. Interval
equation is as below.
TWDT = [WDTR.6~0] ×
××× Interval of BIT
Figure 20-1 Block Diagram of Watchdog Timer
:
LDM
CKCTLR,#3FH
; enable the RC-osc WDT
LDM
WDTR,#0FFH
; set the WDT period
STOP
; enter the STOP mode
NOP
NOP
; RC-osc WDT running
:
÷ 8
÷ 16
÷ 128
÷ 256
÷ 512
÷ 1024
÷ 32
÷ 64
0
1
MUX
8
3
fxin
BITR ( 8-bit )
BTS[2:0]
Internal RC OSC
Basic Interval Timer
Interrupt
BTCL
Clear
Watchdog Timer
BITIF
7-bit Counter
WDTR (8-bit)
OFD
WDTCL
WDTON
Interrupt Request
CPU RESET
1
0
Clock Control Register
CKCTLR
ADDRESS : ECH
RESET VALUE : -0010111
-
WAKEUP RCWDT
WDTON
BTCL
BTS2
BTS1
BTS0
-
0X
1
X
XXX
Watchdog Timer Register
WDTR
ADDRESS : EDH
RESET VALUE : 01111111
WDTCL
7-bit Watchdog Counter Register
Overflow Detection
Bit Manipulation Not Available
Bit Manipulation Not Available
STOP
WAKEUP
RCWDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com