Electronic Components Datasheet Search
  English  ▼

X  

GMS81608K Datasheet(PDF) 46 Page - Hynix Semiconductor

Part # GMS81608K
Description  LG Semicon 8-bit Microcontrollers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81608K Datasheet(HTML) 46 Page - Hynix Semiconductor

Back Button GMS81608K Datasheet HTML 42Page - Hynix Semiconductor GMS81608K Datasheet HTML 43Page - Hynix Semiconductor GMS81608K Datasheet HTML 44Page - Hynix Semiconductor GMS81608K Datasheet HTML 45Page - Hynix Semiconductor GMS81608K Datasheet HTML 46Page - Hynix Semiconductor GMS81608K Datasheet HTML 47Page - Hynix Semiconductor GMS81608K Datasheet HTML 48Page - Hynix Semiconductor GMS81608K Datasheet HTML 49Page - Hynix Semiconductor GMS81608K Datasheet HTML 50Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 79 page
background image
STOP MODE
For applications where power consumption is a critical
factor, device provides reduced power of STOP.
An instruction that STOP causes that to be the last
instruction executed before going into the Stop mode.
In the Stop mode, the on-chip oscillator is stopped.
With the clock frozen, all functions are stopped, but
the on-chip RAM and Control registers are held. The
port pins out the values held by their respective port
data register Rx, port direction register RxDD. The
status of peripherals during Stop mode is shown below.
Peripheral
Status
RAM
Retain
Control registers
Retain
I/O
Retain
Oscillation
Stop
XIN
Low
X OUT
High
In the Stop mode of operation, VDD can be reduced to
minimize power consumption. Care must be taken,
however, to ensure that VDD is not reduced before the
Stop mode is invoked, and that VDD is restored to its
normal operating level, before the Stop mode is termi-
nated. The reset should not be activated before VDD is
restored to its normal operating level, and must be held
active long enough to allow the oscillator to restart and
stabilize (minimum 20 msec).
Caution:
The NOP instruction have to be written more than
two to next line of the STOP instruction.
Ex)
STOP
NOP
NOP
Release Stop Mode
The exit from Stop mode is hardware reset or external
interrupt. Reset redefines all the Control registers but
does not change the on-chip RAM. External interrupts
allow both on-chip RAM and Control registers to
retain their values.
If I-flag = 1, the normal interrupt response takes place.
If I-flag = 0, the chip will resume execution starting
with the instruction following the STOP instruction. It
will not vector to interrupt service routine.
When exit from Stop mode by external interrupt from
Stop mode, enough oscillation stabilization time is
required to normal operation. Figure 37 shows the
timing diagram. When release the Stop mode, the
EXTERNAL
INTERRUPT
INTERNAL
CLOCK
OSCILLATOR
tST > 20 ms
NORMAL OPERATION
BASIC INTERVAL
TIMER COUNTER
CLEAR BASIC
INTERVAL TIMER
N+2
00
01
FE
FF
00
N
N+1
STABILIZATION
TIME
01
02
03
NORMAL OPERATION
STOP MODE
STOP INSTRUCTION
EXECUTION
Figure 37. Timing of Stop Release by External Interrupt
GMS81604/08
LG Semicon
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com