Electronic Components Datasheet Search
  English  ▼

X  

GMS8160XPL Datasheet(PDF) 27 Page - Hynix Semiconductor

Part # GMS8160XPL
Description  LG Semicon 8-bit Microcontrollers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS8160XPL Datasheet(HTML) 27 Page - Hynix Semiconductor

Back Button GMS8160XPL Datasheet HTML 23Page - Hynix Semiconductor GMS8160XPL Datasheet HTML 24Page - Hynix Semiconductor GMS8160XPL Datasheet HTML 25Page - Hynix Semiconductor GMS8160XPL Datasheet HTML 26Page - Hynix Semiconductor GMS8160XPL Datasheet HTML 27Page - Hynix Semiconductor GMS8160XPL Datasheet HTML 28Page - Hynix Semiconductor GMS8160XPL Datasheet HTML 29Page - Hynix Semiconductor GMS8160XPL Datasheet HTML 30Page - Hynix Semiconductor GMS8160XPL Datasheet HTML 31Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 79 page
background image
I/O PORTS
The GMS81604/08 have five ports, R0, R1, R4, R5,
R6. These ports pins may be multiplexed with an
alternate function for the peripheral features on the
device. In general, when a initial reset state, all ports
are used as a general purpose input port.
All pins have data direction registers which can con-
figure these pins as output or input.
A "1" in the port direction register configures the
corresponding port pin as output. Conversely, write
"0" to the corresponding bit to specify as an input pin.
For example, to use the even numbered bit of R1 as
output ports and the odd numbered bits as input ports,
write "55H" to address C1H (R0 direction register)
during initial setting as shown in Figure 10.
Reading data register reads the status of the pins
whereas writing to it will write to the port latch.
R0 and R0DD registers: R0 is a 8-bit bidirectional
I/O port (address C0H). Each pin is individually con-
figurable as input and output through the R0DD regis-
ter (address C1H).
R1 and R1DD registers: R1 is an 8-bit bidirectional
I/O port (address C2H). Each pin is individually con-
figurable as input and output through the R1DD regis-
ter (address C3H).
R4 and R4DD registers: R4 is an 8-bit bidirectional
I/O port (address C8H). Each pin is individually con-
figurable as input and output through the R4DD regis-
ter (address C9H).
In addition, Port R4 is multiplexed with various special
features. The control register PMR4 (address D0H)
controls to select alternate function. After reset, this
value is "0", port may be used as general I/O ports. To
select alternate function such as External interrupt or
External counter or Timer clock out, write "1" to the
corresponding bit of PMR4.
Port Pin
Alternate Function
R40
R41
R42
R43
INT0 (External Interrupt 0)
INT1 (External Interrupt 1)
INT2 (External Interrupt 2)
INT3 (External Interrupt 3)
R44
R45
EC0 (External Count Input to Timer/
Counter 0)
EC2 (External Count Input to Timer/
Counter 2)
R46
R47
T1O (Timer 1 Clock-Out)
T3O (Timer 3 Clock-Out)
Regardless of the direction register R4DD, PMR4 is
selected to use as alternate functions, port pin can be
used as a corresponding alternate features.
0
1
0
1
0
1
0
1
I
I
O
I
O
I
O
O
WRITE "55H" TO PORT R0 DIRECTION REGISTER
7
6
5
4
3
2
1
0
BIT
7
6
5
4
3
2
1
0
PORT
R0 DATA
R0 DIRECTION
R1 DATA
R1 DIRECTION
C0H
C1H
C2H
C3H
I: INPUT PORT
O: OUTPUT PORT
Figure 10. Example port I/O assignment
R07 R06 R05 R04 R03 R02 R01 R00
Port 0 Data Register
ADDRESS: C0H
RESET VALUE: Undefined
R07 R06 R05 R04 R03 R02 R01 R00
R0DD
ADDRESS: C1H
RESET VALUE: 00000000
Direction select
0: Input
1: Output
Input/ Output data
R0
Port 0 Direction Register
R17 R16 R15 R14 R13 R12 R11 R10
Port 1 Data Register
ADDRESS: C2H
RESET VALUE: Undefined
R17 R16 R15 R14 R13 R12 R11 R10
R1DD
ADDRESS: C3H
RESET VALUE: 00000000
Direction select
0: Input
1: Output
Input/ Output data
R1
Port 1 Direction Register
LG Semicon
GMS81604/08
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com