Electronic Components Datasheet Search
  English  ▼

X  

GMS8160XPL Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # GMS8160XPL
Description  LG Semicon 8-bit Microcontrollers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS8160XPL Datasheet(HTML) 5 Page - Hynix Semiconductor

  GMS8160XPL Datasheet HTML 1Page - Hynix Semiconductor GMS8160XPL Datasheet HTML 2Page - Hynix Semiconductor GMS8160XPL Datasheet HTML 3Page - Hynix Semiconductor GMS8160XPL Datasheet HTML 4Page - Hynix Semiconductor GMS8160XPL Datasheet HTML 5Page - Hynix Semiconductor GMS8160XPL Datasheet HTML 6Page - Hynix Semiconductor GMS8160XPL Datasheet HTML 7Page - Hynix Semiconductor GMS8160XPL Datasheet HTML 8Page - Hynix Semiconductor GMS8160XPL Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 79 page
background image
GMS81604 / GMS81608
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
OVERVIEW
Memory Proliferation
Device
ROM Bytes
RAM Bytes
GMS81604
4K
256
GMS81608
8K
256
GMS81608T
8K EPROM
256
Development Tools
The GMS800 family is supported by a full-featured
macro assembler, an in-circuit emulators CHOICE-
Jr.TM, socket adapters for OTP device.
The availability of OTP devices are especially useful
for customers expecting frequent code changes and
updates. The OTP devices, packaged in plastic pack-
ages permit the user to program them once. In addition
to the program memory, the configuration fuses must
be programmed.
GMS81604, GMS81608
In-Circuit
Emulators
CHOICE-Jr.TM
OTP devices
GMS81608T (40 DIP)
GMS81608T K (42 SDIP)
GMS81608T PL (44 pin PLCC)
Socket
Adapters for
OTP Devices
OA816A-40PD (40 DIP)
OA816A-42SD (42 SDIP)
OA816A-44PL (44 PLCC)
Assembler
LGS Macro Assembler
4K/ 8K On-chip Program Memory
256 Bytes of On-Chip Data RAM
Instruction execution time: 0.5us at 8MHz
2.4V to 5.5V Operating Range
1~8 MHz Operating frequency
Basic Interval Timer
Four 8-Bit Timer/ Counters (can be used
as two 16-bit)
Four external interrupt ports
Two Programmable Clock Out
One Buzzer Driving port
31 Programmable I/O, 4 Input pins,
Twelve Interrupt Sources
All LED Direct Drive Output Ports
8-Channel 8-Bit On-Chip Analog to Digital
Converter
Power Fail Processor
(Noise immunity circuit)
Power Down Mode (Stop Mode)
Description
The GMS81604/08 is a high-performance CMOS 8-bit microcontroller with 4K or 8K bytes of ROM. The device
is one of GMS800 family. The LG Semicon GMS81604/08 is a powerful microcontroller which provides a highly
flexible and cost effective solution to many embedded control applications. The GMS81604/08 provides the
following standard features: 8K bytes of ROM, 256 bytes of RAM, 35 I/O lines(33 lines for 40PDIP), 16-bit or
8-bit timer/counter, a precision analog to digital converter, on-chip oscillator and clock circuitry. In addition, the
GMS81604/08 supports power saving modes to reduce power consumption. The Stop Mode saves the RAM
contents but freezes the oscillator disabling all other chip functions until the next hardware reset or external
interrupt.
Features
LG Semicon
GMS81604/08
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com