Electronic Components Datasheet Search
  English  ▼

X  

GMS87C1408 Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # GMS87C1408
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1408 Datasheet(HTML) 3 Page - Hynix Semiconductor

  GMS87C1408 Datasheet HTML 1Page - Hynix Semiconductor GMS87C1408 Datasheet HTML 2Page - Hynix Semiconductor GMS87C1408 Datasheet HTML 3Page - Hynix Semiconductor GMS87C1408 Datasheet HTML 4Page - Hynix Semiconductor GMS87C1408 Datasheet HTML 5Page - Hynix Semiconductor GMS87C1408 Datasheet HTML 6Page - Hynix Semiconductor GMS87C1408 Datasheet HTML 7Page - Hynix Semiconductor GMS87C1408 Datasheet HTML 8Page - Hynix Semiconductor GMS87C1408 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 84 page
background image
HYUNDAI MicroElectronics
GMS87C1404/GMS87C1408
Oct. 1999 Ver 1.0
1
GMS87C1404 / GMS87C1408
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
1. OVERVIEW
1.1 Description
The GMS87C1404 and GMS87C1408 are an advanced CMOS 8-bit microcontroller with 4K/8K bytes of EPROM. The
HYUNDAI MicroElectronics GMS87C1404 and GMS87C1408 are a powerful microcontroller which provides a highly
flexible and cost effective solution to many small applications such as controller for battery charger. The GMS87C1404 and
GMS87C1408 provide the following standard features: 4K/8K bytes of EPROM, 192 bytes of RAM, 8-bit timer/counter, 8-
bit A/D converter, 10-bit high speed PWM output, programmable buzzer driving port, 8-bit serial communication port, on-
chip oscillator and clock circuitry. In addition, the GMS87C1404 and GMS87C1408 supports power saving modes to reduce
power consumption.
1.2 Features
• 4K/8K Bytes On-chip Program Memory (OTP)
• 192 Bytes of On-chip Data RAM
(Included stack memory)
• Instruction Cycle Time:
- 250nS at 8MHz
• 23 Programmable I/O pins
(LED direct driving can be source and sink)
• 2.5V to 5.5V Wide Operating Range
• One 8-bit A/D Converter
• One 8-bit Basic Interval Timer
• Four 8-bit Timer / Counters
• Two 10-bit High Speed PWM Outputs
• Watchdog timer (can be operate with internal
RC-oscillation)
• One 8-bit Serial Peripheral Interface
• Twelve Interrupt sources
- External input: 4
- A/D Conversion: 1
- Serial Peripheral Interface: 1
- Timer: 6
• One Programmable Buzzer Driving port
- 500Hz ~ 130kHz
• Oscillator Type
- Crystal
- Ceramic Resonator
• Noise Immunity Circuit
- Power Fail Processor
•Power Down Mode
- STOP mode
- Wake-up Timer mode
1.3 Development Tools
The GMS87C1404 and GMS87C1408 are supported by a
full-featured macro assembler, an in-circuit emulator
CHOICE-DrTM.
Device name
ROM Size
RAM Size
Package
GMS87C1404
4K bytes
192bytes
28 SKDIP or SOP
GMS87C1408
8K bytes
192bytes
28 SKDIP or SOP
In Circuit Emulators
CHOICE-Dr.
Assembler
HME Macro Assembler
OTP Writer
Dr. Writer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com