Electronic Components Datasheet Search
  English  ▼

X  

GMS90C320PL50 Datasheet(PDF) 24 Page - Hynix Semiconductor

Part # GMS90C320PL50
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90C320PL50 Datasheet(HTML) 24 Page - Hynix Semiconductor

Back Button GMS90C320PL50 Datasheet HTML 20Page - Hynix Semiconductor GMS90C320PL50 Datasheet HTML 21Page - Hynix Semiconductor GMS90C320PL50 Datasheet HTML 22Page - Hynix Semiconductor GMS90C320PL50 Datasheet HTML 23Page - Hynix Semiconductor GMS90C320PL50 Datasheet HTML 24Page - Hynix Semiconductor GMS90C320PL50 Datasheet HTML 25Page - Hynix Semiconductor GMS90C320PL50 Datasheet HTML 26Page - Hynix Semiconductor GMS90C320PL50 Datasheet HTML 27Page - Hynix Semiconductor GMS90C320PL50 Datasheet HTML 28Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
GMS90C320
20
OCT. 2000 Ver 1.2
Power Saving Modes
Two power down modes are available, the Idle Mode and Power Down Mode.
The bits PDE and IDLE of the register PCON select the Power Down mode or the Idle mode, respectively. If the Power Down
mode and the Idle mode are set at the same time, the Power Down mode takes precedence. Table 10 gives a general overview
of the power saving modes.
In the Power Down mode of operation, VCC can be reduced to minimize power consumption. It must be ensured, however,
that VCC is not reduced before the Power Down mode is invoked, and that VCC is restored to its normal operating level, before
the Power Down mode is terminated. The reset signal that terminates the Power Down Mode also restarts the oscillator. The
reset should not be activated before VCC is restored to its normal operating level and must be held active long enough to allow
the oscillator to restart and stabilize (similar to power-on reset).
Table 10
Power Saving Modes Overview
Mode
Entering Instruction
Example
Leaving by
Remarks
Idle mode
ORL PCON,#01H
- enabled interrupt
- Hardware Reset
CPU is gated off
CPU status registers maintain
their data.
Peripherals are active
Power-Down
Mode
ORL PCON,#02H
Hardware Reset
Oscillator is stopped, contents of
on-chip RAM and SFR’s are main-
tained (leaving Power Down Mode
means redefinition of SFR con-
tents).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com