Electronic Components Datasheet Search
  English  ▼

X  

GMS90C320PL50 Datasheet(PDF) 32 Page - Hynix Semiconductor

Part # GMS90C320PL50
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90C320PL50 Datasheet(HTML) 32 Page - Hynix Semiconductor

Back Button GMS90C320PL50 Datasheet HTML 28Page - Hynix Semiconductor GMS90C320PL50 Datasheet HTML 29Page - Hynix Semiconductor GMS90C320PL50 Datasheet HTML 30Page - Hynix Semiconductor GMS90C320PL50 Datasheet HTML 31Page - Hynix Semiconductor GMS90C320PL50 Datasheet HTML 32Page - Hynix Semiconductor GMS90C320PL50 Datasheet HTML 33Page - Hynix Semiconductor GMS90C320PL50 Datasheet HTML 34Page - Hynix Semiconductor GMS90C320PL50 Datasheet HTML 35Page - Hynix Semiconductor GMS90C320PL50 Datasheet HTML 36Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
GMS90C320
28
OCT. 2000 Ver 1.2
AC Characteristics for 16MHz version
External Program Memory Characteristics
VCC=5V:
VCC=5V + 10%, −15%; VSS=0V; TA=0°Cto 70°C
(CL for port 0. ALE and PSEN outputs = 100pF; CL for all other outputs = 80pF)
VCC=3.3V:
VCC=3.3V + 0.3V, −0.6V; VSS=0V; TA=0°Cto 70°C
(CL for port0.ALE and PSEN outputs = 50pF; CL for all other outputs = 50pF)
Variable clock:
Vcc = 5V: 1/tCLCL =3.5 MHz to16MHz
Vcc = 3.3V: 1/tCLCL =1 MHz to 16 MHz
Parameter
Symbol
16 MHz Oscillator
Variable Oscillator
1/tCLCL =3.5 to 16MHz
Unit
Min.
Max.
Min.
Max.
ALE pulse width
tLHLL
85
-
2tCLCL-40
-
ns
Address setup to ALE
tAVLL
23
-
tCLCL-40
-
ns
Address hold after ALE
tLLAX
43
-
tCLCL-40
-
ns
ALE low to valid instruction in
tLLIV
-150
-
4tCLCL-100
ns
ALE to PSEN
tLLPL
38
-
tCLCL-25
-
ns
PSEN pulse width
tPLPH
153
-
3tCLCL-35
-
ns
PSEN to valid instruction in
tPLIV
-88
-
3tCLCL-100
ns
Input instruction hold after PSEN
tPXIX
0-
0
-
ns
Input instruction float after PSEN
tPXIZ1)
1)
Interfacing the GMS90C320 to devices with float times up to 35 ns is permissible. This limited bus contention will not cause
any damage to port 0 Drivers.
-43
-
tCLCL-20
ns
Address valid after PSEN
tPXAV1)
55
-
tCLCL-8
-
ns
Address to valid instruction in
tAVIV
-198
-
5tCLCL-115
ns
Address float to PSEN
tAZPL
-10
-
-10
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com