Electronic Components Datasheet Search
  English  ▼

X  

HC2509C Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HC2509C
Description  Phase-Locked Loop Clock Distribution for Synchronous DRAM Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HC2509C Datasheet(HTML) 3 Page - Hynix Semiconductor

  HC2509C Datasheet HTML 1Page - Hynix Semiconductor HC2509C Datasheet HTML 2Page - Hynix Semiconductor HC2509C Datasheet HTML 3Page - Hynix Semiconductor HC2509C Datasheet HTML 4Page - Hynix Semiconductor HC2509C Datasheet HTML 5Page - Hynix Semiconductor HC2509C Datasheet HTML 6Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HC2509C
March 1999
3
Table 1. Pin Description
Pin
Name
Pin No.
Type
Functional Description
CLK
24
I
Clock Input. CLK provides the reference signal to the internal PLL.
FBIN
13
I
Feedback Input. FBIN provides the feedback signal to the internal PLL.
IG
11
I
Output Bank Enable. When 1G is high, all outputs 1Y(0:4) are enabled.
When 1G is low, Outputs 1Y(0:4) are disabled to a logic-low state.
2G
14
I
Output Bank Enable. When 2G is high, all outputs 2Y(0:3) are enabled.
When 2G is low, Outputs 2Y(0:3) are disabled to a logic-low state.
FBOUT
12
O
Feedback Output. FBOUT completes the feedback loop of the PLL by being
wired to FBIN.
1Y(0:4)
3,4,5,8,9
O
Clock Outputs. These outputs provide low-skew copies of CLKIN. Each output
has an embedded series-damping resistor.
2Y(0:3)
16,17,
20,21
O
Clock Outputs. These outputs provide low-skew copies of CLKIN. Each output
has an embedded series-damping resistor.
AVcc
23
Power
Analog Power Supply. AVcc provides the power reference for the analog
circuitry. AVcc can be also used to bypass the PLL for the test purpose.
When AVcc is strapped to ground, PLL is bypassed and CLK is buffered directly
to the device outputs.
AGND
1
Ground
Analog Ground. AGND provides the ground reference for the analog circuitry.
Vcc
2,10,15,22
Power
Power Supply
GND
6,7,18,19
Ground
Ground
Table 2. Absolute Maximum Ratings Over Operating Free-air Temperature
Range
Symbols
Parameter
Value
Unit
Conditions
Vcc
Supply Voltage Range
-0.5 to 4.6
V
VI
Input Voltage Range
-0.5 to 6.5
V
Vo
Voltage Range applied to any input in the high or
low state
-0.5 to
Vcc+0.5
V
IIK
Input Clamp Current
±50
mA
VI <0 or VI >0
IOK
Output Clamp Current
±50
mA
Vo<0 or Vo>
Vcc
Io
Continuous Output Current
±50
mA
Vo=0 to Vcc
PMAX
Maximum Power Dissipaiton
0.7
W
Tstg
Storage Temperature Range
-65 to 150
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com