Electronic Components Datasheet Search
  English  ▼

X  

HC2509C Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # HC2509C
Description  Phase-Locked Loop Clock Distribution for Synchronous DRAM Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HC2509C Datasheet(HTML) 5 Page - Hynix Semiconductor

  HC2509C Datasheet HTML 1Page - Hynix Semiconductor HC2509C Datasheet HTML 2Page - Hynix Semiconductor HC2509C Datasheet HTML 3Page - Hynix Semiconductor HC2509C Datasheet HTML 4Page - Hynix Semiconductor HC2509C Datasheet HTML 5Page - Hynix Semiconductor HC2509C Datasheet HTML 6Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
HC2509C
March 1999
5
Table 6. Switching Characteristics Over Recommended Ranges of Supply
Voltage and Operating Free-air Temperature.(CL=30pF) (see Figure1 and 2) =
Vcc = 3.3V
±0.165V
Vcc =
3.3V
±0.3V
Parameter
From(Input)
TO(Output)
Min
Typ
Max
Min Typ Max
Unit
66MHz < CLKIN
↑<
100MHz
FBIN
↑
-150
-150
ps
tphase error
♣
(normalized)
CLKIN
↑ = 100MHz
FBIN
↑
-50
50
ps
tsk
Any Y of FBOUT
Any Y or
FBOUT
200
ps
Jitter(pk-pk)
CLKIN
> 66MHz
Any Y or
FBOUT
-100
100
ps
Duty Cycle
CLKIN
> 66MHz
Any Y or
FBOUT
45
55
%
tr
Any Y or
FBOUT
1.3
1.9
0.8
2.1
ns
tf
Any Y or
FBOUT
1.7
2.5
1.2
2.7
ns
=These parameters are not production tested.
♣ Phase error does not include jitter.
Figure 1. Load Circuit and Voltage Waveforms
Notes: 1. All input pulses are supplied by generators having
the following characteristics: PRR
≤ 100MHz, Z
o
=50
Ω, t
r =1.2ns, tf=1.2ns
2.The outputs are measured one at a time with one
transition per measurement.
30pF
500§Ù
From Output Under Test
Input
Output
50% V
cc
50% V
cc
3V
0V
VOH
VOL
tpd
0.4V
0.4V
tr
tf
2V
2V
Load Circuit For Outputs
Voltage Waveforms
Propagation Delay Times



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com