Electronic Components Datasheet Search
  English  ▼

X  

HM10S604 Datasheet(PDF) 13 Page - Hynix Semiconductor

Part # HM10S604
Description  CMOS TFT-LCD SOURCE DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM10S604 Datasheet(HTML) 13 Page - Hynix Semiconductor

Back Button HM10S604 Datasheet HTML 8Page - Hynix Semiconductor HM10S604 Datasheet HTML 9Page - Hynix Semiconductor HM10S604 Datasheet HTML 10Page - Hynix Semiconductor HM10S604 Datasheet HTML 11Page - Hynix Semiconductor HM10S604 Datasheet HTML 12Page - Hynix Semiconductor HM10S604 Datasheet HTML 13Page - Hynix Semiconductor HM10S604 Datasheet HTML 14Page - Hynix Semiconductor HM10S604 Datasheet HTML 15Page - Hynix Semiconductor HM10S604 Datasheet HTML 16Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
•• CONFIDENTIAL & PROPRIETARY
CONFIDENTIAL & PROPRIETARY
HM10S604 PRELIMINARY SPEC

Electrical characteristics over recommended operating conditions
Parameter
High level
input voltage
-
Test Conditions
V
Unit
Dx0~ Dx5,DCLK,
LOAD,RVRS1,RVRS2
DEIO1,DEIO2,
L/R,POLC,LP,BC
0.7VDD1
VDD1
MIN
TYP
MAX
Low level
input voltage
-
V
Dx0~ Dx5,DCLK,
LOAD,RVRS1,RVRS2
DEIO1,DEIO2,L/R,
POLC,LP,BC
0
0.3VDD1
Input leakage
current
-
uA
Dx0~ Dx5,DCLK,
LOAD,RVRS1,RVRS2
DEIO1,DEIO2,L/R,
POLC,LP,BC
10
Output
current
(Note 4)
Vx = VDD2 - 0.2 V
VO = Vx - 1.0 V
uA
OUT1 ~ OUT420
-110
ICHG
IDIS
Vx = VSS2+ 0.2 V
VO = Vx + 1.0 V
110
Deviation between
output voltage pins
(Note 5)
VSS + 0.2 ~
VDD2 - 0.2
mV
OUT1 ~ OUT420
10
Average output
variation (Note 6)
-
mV
OUT1 ~ OUT420
10
Resistance
between reference
power supplies
-

GH63 ~ GH0
GL0 ~ GL63
14,392
Supply current
(during operation)
LOAD interval = 20us
fclk = 36 MHz, No load
VDD2=8.0V
Black raster pattern
GH63 =7.8 V
GL63 = 0.2 V
uA
Analog section
TBD
Supply current
(during standby)
No load, VDD2=8V
Black raster pattern
GH63 =7.8 V
GL63 = 0.2 V
Clock and input signal
are in the stop state
uA
TBD
Supply current
(during operation)
LOAD interval = 20us
fclk = 36 MHz,
Checked dot test
pattern
uA
Digital section
TBD
SIDD1
Clock and input signal
are in the stop state
uA
TBD
Notes : 4. Vx is the output voltage of OUT1 ~ OUT420. Vo is the voltage impressed at OUT1 ~ OUT420.
5.This is the deviation between terminals with differences in positive and negative amplitude,
when all chip outputs display the same data.
6. This is the inter-chip deviation in the average of the output voltage inter-pin deviation
RGMA
DIDD2
SIDD2
DIDD1
Supply current
(during standby)
V
AV
Vo
VIH
VIL
Ilk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com