Electronic Components Datasheet Search
  English  ▼

X  

HM10S604 Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # HM10S604
Description  CMOS TFT-LCD SOURCE DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HM10S604 Datasheet(HTML) 2 Page - Hynix Semiconductor

  HM10S604 Datasheet HTML 1Page - Hynix Semiconductor HM10S604 Datasheet HTML 2Page - Hynix Semiconductor HM10S604 Datasheet HTML 3Page - Hynix Semiconductor HM10S604 Datasheet HTML 4Page - Hynix Semiconductor HM10S604 Datasheet HTML 5Page - Hynix Semiconductor HM10S604 Datasheet HTML 6Page - Hynix Semiconductor HM10S604 Datasheet HTML 7Page - Hynix Semiconductor HM10S604 Datasheet HTML 8Page - Hynix Semiconductor HM10S604 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
•• CONFIDENTIAL & PROPRIETARY
CONFIDENTIAL & PROPRIETARY
HM10S604 PRELIMINARY SPEC

• Description
HM10S604 is a source driver LSI that drives an active-matrix LCD panels, as well as a 64
gradation driver that implements multi-pin configuration and reduced power consumption.
HM10S604 has 420/402 panel drive outputs. Because it is expandable, the HM10S604 can easily
be used in multiple application, its screen can be enlarged, and its L/R(shift-direction switching)
terminals can be used to simplify LCD panel interconnection.
The device has a large output dynamic range that makes the reverse driving of opposing
electrodes in the LCD panel unnecessary; this reduces system power consumption and produces
a high quality pictures. The device is also compatible with single sided mounting and dot reverse
driving.
The HM10S604’s 420/402 outputs ensure SXGA+ compatibility, making it useful in a wider
range of applications.
The maximum operating clock frequency of the HM10S604 is 70MHz when the power supply
voltage for the logic section is between 2.7V and 3.6V and the single-side driving of an LCD panel
has been implemented.
• Features
 Source Driver LSI for Active Matrix LCD
 Compatible With Dot inversion, n-line inversion, column-line inversion
 No Precharging
 Liquid Crystal Outputs : 420/402
 L/R(shift-direction switching) terminals can be used to simplify LCD panel interconnection.
 Fine Pitch/TCP
 Driver With Internal 6-Bit Digital Input DAC
 Maximum Operating Clock Frequencies : 70MHz (Logic Section Power Supply : 2.7V - 3.6V)
 Dual Port Input
 Gamma Correction
 No Need For an External Reference Voltage Generation Circuit(or for Ramp Voltage or a Multi-
Value Power Supply
 Low System Power Consumption Can be Accomplished Using the Low Power Mode.
 Can Handle Heavy Loads Using the LCD Capacity Switching Mode.
 Allows for Input Data Reversing
 Logic Section Power Supply Voltage : 2.7V - 3.6V
 Liquid Crystal Drive Section Power Supply Voltage : 6V - 10V
CMOS TFT-LCD SOURCE DRIVER
Electronics Industries



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com