Electronic Components Datasheet Search
  English  ▼

X  

ICS1522 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS1522
Description  User-Programmable Video Clock Generator/ Line-Locked Clock Regenerator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1522 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS1522 Datasheet HTML 1Page - Integrated Circuit Systems ICS1522 Datasheet HTML 2Page - Integrated Circuit Systems ICS1522 Datasheet HTML 3Page - Integrated Circuit Systems ICS1522 Datasheet HTML 4Page - Integrated Circuit Systems ICS1522 Datasheet HTML 5Page - Integrated Circuit Systems ICS1522 Datasheet HTML 6Page - Integrated Circuit Systems ICS1522 Datasheet HTML 7Page - Integrated Circuit Systems ICS1522 Datasheet HTML 8Page - Integrated Circuit Systems ICS1522 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
Serial programming: Feedback and reference divisors,
VCO gain, phase comparator gain, relative phase and
test modes.
Supports high-resolution graphics - Differential CLK
out-puts to 230 MHz
Eliminates need for multiple ECL output voltage control-
led crystal oscillators and external components
Fully-programmable synthesizer capability - not just a
clock multiplier
Line-locked clock generation capability;
15 - 100 kHz
External feedback loop capability allows graphics
system to be used as the feedback divisor with
synchronous switchover to internal feedback
Small footprint 24-pin SOIC
Coarse and fine phase adjustment permits precise
clocking in video recovery application
Applications
LCD Projector Systems
Multimedia video line locking
Genlock applications
1522RevF050697P
User-ProgrammableVideo Clock Generator/ Line-Locked
Clock Regenerator
ICS1522
The ICS1522 is a very high performance monolithic phase-
locked loop (PLL) frequency synthesizer. Utilizing ICS’s
advanced CMOS mixed-mode technology, the ICS1522
provides a low-cost solution for high-end video clock
generation where synchronization to an external video
source is required.
The ICS1522 has differential video clock outputs (CLK+
and CLK-) that are compatible with industry standard
video DAC.
Operating frequencies are fully programmable with direct
control provided for reference divider, feedback divider
and postscaler.
Block Diagram
ICS reserves the right to make changes in the device data identified in this publication
without further notice. ICS advises its customers to obtain the latest version of all
device data to verify that any information being relied upon by the customer is current
and accurate.


Similar Part No. - ICS1522

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1523 ICST-ICS1523 Datasheet
459Kb / 21P
Video Clock Synthesizer with I2C Programmable Delay
Revision 110905
logo
Integrated Device Techn...
ICS1523 IDT-ICS1523 Datasheet
452Kb / 21P
Video Clock Synthesizer with I2C Programmable Delay
logo
Integrated Circuit Syst...
ICS1523M ICST-ICS1523M Datasheet
459Kb / 21P
Video Clock Synthesizer with I2C Programmable Delay
Revision 110905
logo
Integrated Device Techn...
ICS1523M IDT-ICS1523M Datasheet
452Kb / 21P
Video Clock Synthesizer with I2C Programmable Delay
logo
Integrated Circuit Syst...
ICS1523MLF ICST-ICS1523MLF Datasheet
459Kb / 21P
Video Clock Synthesizer with I2C Programmable Delay
Revision 110905
More results

Similar Description - ICS1522

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1572 ICST-ICS1572 Datasheet
276Kb / 19P
User Programmable Differential Output Graphics Clock Generator
RevC093094
ICS1574B ICST-ICS1574B Datasheet
187Kb / 12P
User Programmable Laser Engine Pixel Clock Generator
ICS2572 ICST-ICS2572 Datasheet
144Kb / 10P
User-Programmable Dual High-Performance Clock Generator
RevC090894
ICS2595 ICST-ICS2595 Datasheet
272Kb / 12P
User-Programmable Dual High-Performance Clock Generator
RevB 3/2/00
ICS1562B ICST-ICS1562B Datasheet
289Kb / 20P
User Programmable Differential Output Graphics Clock Generator
Rev B 10/07/04
logo
AMI SEMICONDUCTOR
FS7140-01 AMI-FS7140-01 Datasheet
981Kb / 15P
Programmable Phase-Locked Loop Clock Generator
logo
ON Semiconductor
FS7145-01-XTD ONSEMI-FS7145-01-XTD Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS714X ONSEMI-FS714X Datasheet
485Kb / 19P
Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7140 ONSEMI-FS7140 Datasheet
300Kb / 17P
Programmable Phase-Locked Loop Clock Generator
October, 2011 ??Rev. 7
logo
Renesas Technology Corp
ICS1562B RENESAS-ICS1562B Datasheet
295Kb / 20P
User Programmable Differential Output Graphics Clock Generator
10/07/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com