Electronic Components Datasheet Search
  English  ▼

X  

ICS1574B Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS1574B
Description  User Programmable Laser Engine Pixel Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1574B Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS1574B Datasheet HTML 4Page - Integrated Circuit Systems ICS1574B Datasheet HTML 5Page - Integrated Circuit Systems ICS1574B Datasheet HTML 6Page - Integrated Circuit Systems ICS1574B Datasheet HTML 7Page - Integrated Circuit Systems ICS1574B Datasheet HTML 8Page - Integrated Circuit Systems ICS1574B Datasheet HTML 9Page - Integrated Circuit Systems ICS1574B Datasheet HTML 10Page - Integrated Circuit Systems ICS1574B Datasheet HTML 11Page - Integrated Circuit Systems ICS1574B Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ICS1574B
8
]
1
[
P]
0
[
PN
I
A
G
)
n
a
i
d
a
r
/
A
µ
(
00
5
0
.
0
01
5
1
.
0
10
5
.
0
11
5
.
1
]
2
[
V]
1
[
V]
0
[
V
N
I
A
G
O
C
V
)
t
l
o
V
/
z
H
M
(
10
0
0
3
10
1
5
4
11
0
0
6
111
0
8
BIT(S)
BIT REF.
DESCRIPTION
15
Reserved
Must be set to 0.
16
AUX_PCLK
Must be set to 0 except when in the AUX-EN test mode.
When in the AUX-EN test mode, this bit controls the
PCLK output.
17 – 24
Reserved
Must be set to 0.
25 – 27
V[0]..V[2]
Sets the gain of VCO
28
Reserved
Must be set to 1.
29 – 30
P[0]..P[1]
Sets the gain of the phase detector according to this table:
31
Reserved
Must be set to 0.
32
P[2]
Phase detector tuning bit. Should normally be set to one.
See text.
33 – 38
M[0]..M[5]
M counter control bits. Modulus = value + 1.
39
PCLKEN_POL
When = 0, PCLK output enabled when PCLKEN input is
low. When = 1, PCLK output enabled when PCLKEN input
is high.
40
DBLFREQ
Doubles modulus of dual-modulus prescaler (from 6 / 7 to
12 /14).
41 – 44
A[0]..A[3]
Controls A counter. When set to zero, modulus = 7.
Otherwise, modulus = 7 for "value" underflows of the
prescaler, and modulus = 6 thereafter until M counter
underflows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com