Electronic Components Datasheet Search
  English  ▼

X  

ICS1893 Datasheet(PDF) 74 Page - Integrated Circuit Systems

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 Datasheet(HTML) 74 Page - Integrated Circuit Systems

Back Button ICS1893 Datasheet HTML 70Page - Integrated Circuit Systems ICS1893 Datasheet HTML 71Page - Integrated Circuit Systems ICS1893 Datasheet HTML 72Page - Integrated Circuit Systems ICS1893 Datasheet HTML 73Page - Integrated Circuit Systems ICS1893 Datasheet HTML 74Page - Integrated Circuit Systems ICS1893 Datasheet HTML 75Page - Integrated Circuit Systems ICS1893 Datasheet HTML 76Page - Integrated Circuit Systems ICS1893 Datasheet HTML 77Page - Integrated Circuit Systems ICS1893 Datasheet HTML 78Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 152 page
background image
ICS1893 Rev C 6/6/00
June, 2000
74
Chapter 8
Management Register Set
ICS1893 Data Sheet - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
8.5
Register 3: PHY Identifier Register
Table 8-9 lists the bits for PHY Identifier Register (Register 3), which is one of two PHY Identifier Registers
that are part of a set defined by the ISO/IEC specification. This register stores the following:
Part of the OUI [see the text in Section 8.4, “Register 2: PHY Identifier Register”]
Manufacturer’s PHY Model Number
Manufacturer’s PHY Revision Number
All the bits in the two PHY Identifier Registers are Command Override Write bits. An STA can read them at
any time without condition. However, An STA can modify these register bits only when the Command
Register Override bit (bit 16.15) is enabled with a logic one.
Note:
For an explanation of acronyms used in Table 8-5, see Chapter 1, “Abbreviations and Acronyms”.
8.5.1
OUI bits 19-24 (bits 3.15:10)
The most-significant 6 bits of register 3 (that is, bits 3.15:10) include OUI bits 19 through 24. OUI bit 19 is
stored in bit 3.15, while OUI bit 24 is stored in bit 3.10.
Table 8-9.
PHY Identifier Register (Register 3 [0x03])
Bit
Definition
When Bit = 0 When Bit = 1
Access
Special
Function
Default
Hex
3.15
OUI bit 19 | s
N/A
N/A
CW
1
F
3.14
OUI bit 20 | t
N/A
N/A
CW
1
3.13
OUI bit 21 | u
N/A
N/A
CW
1
3.12
OUI bit 22 | v
N/A
N/A
CW
1
3.11
OUI bit 23 | w
N/A
N/A
CW
0
4
3.10
OUI bit 24 | x
N/A
N/A
CW
1
3.9
Manufacturer’s Model Number bit 5
N/A
N/A
CW
0
3.8
Manufacturer’s Model Number bit 4
N/A
N/A
CW
0
3.7
Manufacturer’s Model Number bit 3
N/A
N/A
CW
0
4
3.6
Manufacturer’s Model Number bit 2
N/A
N/A
CW
1
3.5
Manufacturer’s Model Number bit 1
N/A
N/A
CW
0
3.4
Manufacturer’s Model Number bit 0
N/A
N/A
CW
0
3.3
Revision Number bit 3
N/A
N/A
CW
0
1
3.2
Revision Number bit 2
N/A
N/A
CW
0
3.1
Revision Number bit 1
N/A
N/A
CW
0
3.0
Revision Number bit 0
N/A
N/A
CW
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com