Electronic Components Datasheet Search
  English  ▼

X  

ICS2008BY-10 Datasheet(PDF) 14 Page - Integrated Circuit Systems

Part # ICS2008BY-10
Description  SMPTE Time Code Receiver/Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2008BY-10 Datasheet(HTML) 14 Page - Integrated Circuit Systems

Back Button ICS2008BY-10 Datasheet HTML 10Page - Integrated Circuit Systems ICS2008BY-10 Datasheet HTML 11Page - Integrated Circuit Systems ICS2008BY-10 Datasheet HTML 12Page - Integrated Circuit Systems ICS2008BY-10 Datasheet HTML 13Page - Integrated Circuit Systems ICS2008BY-10 Datasheet HTML 14Page - Integrated Circuit Systems ICS2008BY-10 Datasheet HTML 15Page - Integrated Circuit Systems ICS2008BY-10 Datasheet HTML 16Page - Integrated Circuit Systems ICS2008BY-10 Datasheet HTML 17Page - Integrated Circuit Systems ICS2008BY-10 Datasheet HTML 18Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
ICS2008B
14
ICS2008B Rev D 4/05/05
AC Electrical Characteristics
Notes:
1. This timing parameter must be met for proper operation of indirect register access using auto-increment.
TA = 0°C to +70°C; VDD = 5V ±10%; GND = 0V
FIGURE 3 — Host Processor Bus Timing
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Address setup to IOR* or IOW* command
tACS
20
ns
Address hold from IOR* or IOW* command
tAH
10
ns
Read pulse width
tRD
150
ns
Access time
tACC
150
ns
Output enable access time
tOE
50
ns
Data hold from IOR* high
tRDH
10
ns
Read command inactive time
tRHRL
70
ns
Write pulse width
tWR
150
ns
Write data setup to IOW* high
tWDS
20
ns
Write data hold from IOW* high
tWDH
10
ns
Write command inactive time
tWHWL
70
ns
CS* inactive time (Note 1)
tCHCL
20
ns
UART Port Bit Rate
(Command Register [1:0] = 00)
UART Port Bit Rate
(Command Register [1:0] = 01)
UART Port Bit Rate
(Command Register [1:0] = 10)
9.6
31.25
38.4
kHz
kHz
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com